Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC1110-RTR1 Fiches technique(PDF) 199 Page - Texas Instruments

No de pièce CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Fiches technique(HTML) 199 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 195Page - Texas Instruments CC1110-RTR1 Datasheet HTML 196Page - Texas Instruments CC1110-RTR1 Datasheet HTML 197Page - Texas Instruments CC1110-RTR1 Datasheet HTML 198Page - Texas Instruments CC1110-RTR1 Datasheet HTML 199Page - Texas Instruments CC1110-RTR1 Datasheet HTML 200Page - Texas Instruments CC1110-RTR1 Datasheet HTML 201Page - Texas Instruments CC1110-RTR1 Datasheet HTML 202Page - Texas Instruments CC1110-RTR1 Datasheet HTML 203Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 199 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 199 of 202
20 Package Description (QLP 36)
All dimensions are in millimeters, angles in degrees. NOTE: The
CC1110 is available in RoHS lead-
free package only. Compliant with JEDEC: MO-220.
Figure 40: Package dimensions drawing
Quad Leadless Package (QLP)
D
D1
E
E1
e
b
L
D2
E2
QLP 36
Min
Max
5.90
6.00
6.10
5.65
5.75
5.85
5.90
6.00
6.10
5.65
5.75
5.85
0.50
0.18
0.23
0.30
0.45
0.55
0.65
1.75
4.40
1.75
4.40
The overall package height is 0.85 +/- 0.05
All dimensions in mm
Table 53: Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More