| Moteur de recherche de fiches techniques de composants électroniques |
|
CC1110-RTY1 Fiches technique(PDF) 199 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1110-RTY1 Fiches technique(HTML) 199 Page - Texas Instruments |
|
199 / 203 page ![]() CC1110 CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A Page 199 of 202 20 Package Description (QLP 36) All dimensions are in millimeters, angles in degrees. NOTE: The CC1110 is available in RoHS lead- free package only. Compliant with JEDEC: MO-220. Figure 40: Package dimensions drawing Quad Leadless Package (QLP) D D1 E E1 e b L D2 E2 QLP 36 Min Max 5.90 6.00 6.10 5.65 5.75 5.85 5.90 6.00 6.10 5.65 5.75 5.85 0.50 0.18 0.23 0.30 0.45 0.55 0.65 1.75 4.40 1.75 4.40 The overall package height is 0.85 +/- 0.05 All dimensions in mm Table 53: Package dimensions |