| Moteur de recherche de fiches techniques de composants électroniques |
|
CC1110-RTY1 Fiches technique(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1110-RTY1 Fiches technique(HTML) 113 Page - Texas Instruments |
|
113 / 203 page ![]() CC1110 CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A Page 113 of 202 T4CTL (0xEB) – Timer 4 Control Bit Name Reset R/W Description Prescaler divider value. Generates the active clock edge used to clock the timer from CLKCON.TICKSPD as follows: 000 Tick frequency /1 001 Tick frequency /2 010 Tick frequency /4 011 Tick frequency /8 100 Tick frequency /16 101 Tick frequency /32 110 Tick frequency /64 7:5 DIV[2:0] 00 R/W 111 Tick frequency /128 4 START 0 R/W Start timer. Normal operation when set, suspended when cleared 3 OVFIM 1 R/W0 Overflow interrupt mask 2 CLR 0 R0/W1 Clear counter. Writing high resets counter to 0x00 Timer 4 mode. Select the mode as follows: 00 Free running, repeatedly count from 0x00 to 0x00 01 Down, count from T4CC0 to 0x00 10 Modulo, repeatedly count from 0x00 to T4CC0 1:0 MODE[1:0] 00 R/W 11 Up/down, repeatedly count from 0x00 to T4CC0 and down to 0x00 |