Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BK4819 Fiches technique(PDF) 5 Page - Beken Corporation

No de pièce BK4819
Description  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEKEN [Beken Corporation]
Site Internet  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Fiches technique(HTML) 5 Page - Beken Corporation

  BK4819 Datasheet HTML 1Page - Beken Corporation BK4819 Datasheet HTML 2Page - Beken Corporation BK4819 Datasheet HTML 3Page - Beken Corporation BK4819 Datasheet HTML 4Page - Beken Corporation BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
BK4819
Proprietary and Confidential
Page 5 of 22
1.2.5 Crystal Oscillator
BK4819 integrates a low-power amplitude-regulated 26MHz crystal oscillator.
The 26MHz crystal oscillator not only provides the reference frequency for the RF
synthesizer, but also provides clock for digital part. The circuit diagram of the
26MHz crystal oscillator is shown in Figure 4.
The 26 MHz crystal oscillator is designed for use with a quartz crystal in parallel
resonant mode. To achieve correct oscillation frequency, the load capacitance
must match the specification in the crystal datasheet. Figure 4 on next page
shows how the crystal is connected to the 26 MHz crystal oscillator. C1 and C2
are ceramic SMD (Surface Mount Device) capacitors connected between each
crystal terminal and ground. Cvar is an adjustable capacitor for frequency
calibration.
Figure 4. Circuit Diagram of the 26MHz Crystal Oscillator
in which, Cpar is parasitic capacitance including PCB trace capacitance and pin
input capacitance. The value of Cpar is about 1pF.
1.2.6 Power Supply Decoupling
Proper power-supply decoupling must be used for optimum performance. The
placement and size of the decoupling capacitors and the power supply filtering
are very important to achieve the best performance in an application.


Description similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com