Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BK4819 Fiches technique(PDF) 3 Page - Beken Corporation

No de pièce BK4819
Description  Analog Two Way Radio IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEKEN [Beken Corporation]
Site Internet  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Fiches technique(HTML) 3 Page - Beken Corporation

  BK4819 Datasheet HTML 1Page - Beken Corporation BK4819 Datasheet HTML 2Page - Beken Corporation BK4819 Datasheet HTML 3Page - Beken Corporation BK4819 Datasheet HTML 4Page - Beken Corporation BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BK4819
Proprietary and Confidential
Page 3 of 22
channel filtering, a variable gain amplifier (VGA) and a high precision analog-to-
digital converter(ADC). The block diagram of the FM receiver is shown in Figure
2.
At the RF front-end part, the LNA is a differential low-noise amplifier with single-
ended input. The LNA is followed by a quadrature mixer that down-converts the
RF signal directly to IF signal. Low-IF image rejection architecture is
implemented in order to eliminate the external SAW filters.
At the IF part, the down-converted in-phase IF signal (IF/I) and quadrature-phase
IF signal(IF/Q)are first filtered by the BPF, and then amplified by the VGA.The
Sigma-Delta ADC sample analog IF signal from VGA, and convert it to digital IF
signal. Then the digital signal will be send to DSP for second down-conversion
and audio processing.
To avoid serious distortion with high-level input power, AGC function is added to
automatically adjust the gain of LNA and the gain of VGA.
LF
DIV
CP
PFD
Frac-N
-
Mod
Reference Clock
from OSC
Ramping
IF/I
IF/Q
Rfin
Rfout
LNA
Mixer
Filter + VGA + ADC
Buffer + PA Driver
VCO
FM Receiver
FM Transmitter
RF Frequency Synthesizer
Do/I
Do/Q
Figure 2. Radio Block Diagram
1.2.2 FM Transmitter
The transmitter is a single-ended amplifier including a buffer and a PA driver. The
block diagram of the transmitter is shown in Figure 2. Due to FM modulation is of
constant envelope, the amplifier works in saturated mode to save current
consumption.
The output power of FM transmitter can be programmed from -24dBm to +7dBm
through 3-wire SPI interface.
滤波器


Numéro de pièce similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Beken Corporation
BK4829 BEKEN-BK4829 Datasheet
1Mb / 28P
Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz
V1.0 2023/5/26
BK4829QN32A BEKEN-BK4829QN32A Datasheet
1Mb / 28P
Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz
V1.0 2023/5/26
More results

Description similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
Scrambler IC for two-way radio
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXL LSTD-EXL Datasheet
199Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
External Two-Way Radio Antenna
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
Two Way Radio Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com