Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BK4819 Fiches technique(PDF) 2 Page - Beken Corporation

No de pièce BK4819
Description  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEKEN [Beken Corporation]
Site Internet  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Fiches technique(HTML) 2 Page - Beken Corporation

  BK4819 Datasheet HTML 1Page - Beken Corporation BK4819 Datasheet HTML 2Page - Beken Corporation BK4819 Datasheet HTML 3Page - Beken Corporation BK4819 Datasheet HTML 4Page - Beken Corporation BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
BK4819
Rev.1.0
Copyright©2018 by Beken Corporation
BK4819
1 Functional Description
FSK Mod.
Com press
Emphasis
Scrambling
CTCCS
PLL
Modulator
De-
Emphasis
DAC
ADC
Tra nsm itter
Receiver
Squelc h
PLL
Filter
Demod
RSSI
ADC
ADC
MUX
MUX
MUX
Voice Act ivate
Switch
De-
Scrambling
FSK Demod.
LPF
CTCCS
BPF
26MHz
SPI
M
C
U
AGC
MIS C
CDCCS
SELCALL
DTMF
CDCCS
SELCALL
DTMF
Expander
Figure 1. Functional Block Diagram
1.1
Overview
The BK4819 integrates high performance PLL, ADC, DAC, and advanced digital
signal processing capability on a single chip. The digital low-IF image rejection
architecture enables it to work with a very simple MCU as a two way radio
communication system. On-chip flexible and precise continuous and discrete
tone generator and detector enable a secure link and digital signaling.
1.2
RF Transceiver
BK4819 includes an integrated RF transceiver which is compliant with the
specification most country in the world. The RF transceiver requires the following
external components to operate:
1) A 26MHz crystal;
2) Simple input matching and output matching;
3) Several SMD capacitors for decoupling and DC blocking.
1.2.1 FM Receiver
The receiver implements a low-IF image rejection architecture, which is
composed with two parts: RF front-end and IF part. The RF front-end comprises
a LNA and a quadrature mixer. The IF part comprises a low-pass filter (LPF) for
matching
相同 相似配对
decoupling分离
front-end
前置
comprises组成构成


Numéro de pièce similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
B&K Precision Corporati...
BK4033 BK-BK4033 Datasheet
326Kb / 3P
50 MHz Programmable Pulse Generators
BK4034 BK-BK4034 Datasheet
326Kb / 3P
50 MHz Programmable Pulse Generators
More results

Description similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
Scrambler IC for two-way radio
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXL LSTD-EXL Datasheet
199Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
External Two-Way Radio Antenna
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
Two Way Radio Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com