Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BK4819 Fiches technique(PDF) 10 Page - Beken Corporation

No de pièce BK4819
Description  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEKEN [Beken Corporation]
Site Internet  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Fiches technique(HTML) 10 Page - Beken Corporation

Back Button BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation BK4819 Datasheet HTML 10Page - Beken Corporation BK4819 Datasheet HTML 11Page - Beken Corporation BK4819 Datasheet HTML 12Page - Beken Corporation BK4819 Datasheet HTML 13Page - Beken Corporation BK4819 Datasheet HTML 14Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
BK4819
Proprietary and Confidential
Page 10 of 22
3 Pin Assignment
Figure 8. BK4819 Pin Assignment (Top View)
Table 7. BK4819 4mmx4mm 20-Pin Definition
Pin
#
Name
Directio
n
Function
1
GPIO5
I/O
General purpose input/output - there is internal pull-down on this
port.
2
GPIO6
I/O
General purpose input/output - there is internal pull-down on this
port.
3
VCC
Input
Digital Power Supply, 2.6 V~ 3.6 V
4
XO
Output
Crystal oscillator port, output
5
XI
Input
Crystal oscillator port, input
6
NC
7
NC
8
EARO
Output
Earpiece output
9
NC
10
NC
11
VCC
Input
Analog Power supply, 2.6 V to 3.6 V
12
NC
13
MICN
Input
Microphone input, negative
14
MICP
Input
Microphone output, positive
15
LNAIN
Input
Input of low noise amplifier
16
NC
17
PAOUT
Output
Output of power amplifier
18
VRAM
P
Output
PA regulator output
19
NC
20
NC
21
NC
22
NC
23
NC
24
NC
25
SCK
Input
SPI clock


Description similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com