Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BK4819 Fiches technique(PDF) 1 Page - Beken Corporation

No de pièce BK4819
Description  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEKEN [Beken Corporation]
Site Internet  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Fiches technique(HTML) 1 Page - Beken Corporation

  BK4819 Datasheet HTML 1Page - Beken Corporation BK4819 Datasheet HTML 2Page - Beken Corporation BK4819 Datasheet HTML 3Page - Beken Corporation BK4819 Datasheet HTML 4Page - Beken Corporation BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
BK4819
Rev.1.0
Copyright©2018 by Beken Corporation
BK4819
Analog Two Way Radio IC
Features
World wide band: 18 MHz ~ 660 MHz,
840 MHz ~1300 MHz
12.5/25/6.25/20 kHz channel spacing
On chip 7 dBm RF PA
2.6 V to 3.6 V power supply
CTCSS tone receiver with tail CTCSS
frequency detector
23/24 bit programmable DCS code
Standard DTMF and programmable
in-band dual tone
SELCALL and programmable in-band
single tone
FSK data modem
Frequency inversion scrambler
Voice activated switch (VOX)
RF Signal strength measurement
TX Audio signal strength indication
and RX audio signal strength
indication
3-wires interface with MCU with
maximum 8 Mbps clock rate
QFN 4x4 32-Pin package
Applications
Personal Radio Service
Baby Monitor
Toys
General Description
The BK4819 is a half duplex TDD FM
transceiver operating within 18 MHz ~ 660
MHz, 840 MHz ~1300 MHz band range for
worldwide personal radio. Besides speech
communication, the BK4819 on-chip FSK
data modem supports F2D and F1W
emission to be used in both FRS and
DPMR band for text message and GPS
information exchange.
The BK4819 is a complete, small form
factor solution optimized for low-power,
low-cost, and highly integrated mobile and
portable consumer electronic devices,
requiring only a few external decoupling
capacitors and an external inductor for
input matching.
QFN 20 Pin Assignments (Top View)
Functional Block Diagram
duplex
双向(通讯)的
Time Division Duplex
时分双工
选择呼叫


Description similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com