Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BK4819 Fiches technique(PDF) 8 Page - Beken Corporation

No de pièce BK4819
Description  Analog Two Way Radio IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEKEN [Beken Corporation]
Site Internet  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Fiches technique(HTML) 8 Page - Beken Corporation

Back Button BK4819 Datasheet HTML 4Page - Beken Corporation BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation BK4819 Datasheet HTML 10Page - Beken Corporation BK4819 Datasheet HTML 11Page - Beken Corporation BK4819 Datasheet HTML 12Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BK4819
Proprietary and Confidential
Page 8 of 22
Low band frequency range
FL
697
941
Hz
Test Condition:
1. 12 dB SINAD
2. 1st adjacent channel (
12.5kHz)
3. Frequency offset > 1MHz
4. According to ETSI standard (EN 300 296-1 V1.4.1)
5. 1kHz tone, 1.5kHz deviation
6. -50dBm input power
2.5
Transmitter Characteristics
Table 5. Transmitter Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Frequency
FOP
1
840
-
1300
MHz
2
18
-
660
Output Power
POUT
1
-24
0
7
dBm
Adjacent Channel Power Rejection
ACPR 1
st
68
69
69
dBc
Alternate Channel Power Rejection
ACPR 2
nd
76
77
77
dBc
Microphone Sensitivity
MICSENS
2
12
mV
SINAD
TSINAD
3
51
dB
Test Condition:
1.
Depend on output matching and register settings
2.
1.5kHz deviation
3.
At sensitivity level
偏差


Numéro de pièce similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Beken Corporation
BK4829 BEKEN-BK4829 Datasheet
1Mb / 28P
Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz
V1.0 2023/5/26
BK4829QN32A BEKEN-BK4829QN32A Datasheet
1Mb / 28P
Worldwide band: 18 MHz ~ 580 MHz, 760 MHz ~ 1160 MHz
V1.0 2023/5/26
More results

Description similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
Scrambler IC for two-way radio
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
Two-way Radio Audio Processor
logo
Laird Tech Smart Techno...
EXH LSTD-EXH Datasheet
292Kb / 1P
Two-Way Radio Antenna
EXL LSTD-EXL Datasheet
199Kb / 1P
Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
External Two-Way Radio Antenna
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
Two Way Radio Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com