Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BK4819 Fiches technique(PDF) 7 Page - Beken Corporation

No de pièce BK4819
Description  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEKEN [Beken Corporation]
Site Internet  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Fiches technique(HTML) 7 Page - Beken Corporation

Back Button BK4819 Datasheet HTML 3Page - Beken Corporation BK4819 Datasheet HTML 4Page - Beken Corporation BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation BK4819 Datasheet HTML 10Page - Beken Corporation BK4819 Datasheet HTML 11Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
BK4819
Proprietary and Confidential
Page 7 of 22
otherwise stated. Parameters are tested in production unless otherwise stated.
For QFN4x4 24pin package, VDD range is 2.6-3.6V.
The range of operating temperature mainly depends on the specification of the crystal. The
frequency tolerance of the crystal should be within +/-2.5ppm during all operating conditions.
2.3
Power Consumption Specification
Table 3. Power Consumption Specification
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current (RX Mode)
IRX
RF_Rxon
42
mA
Supply Current (TX Mode)
ITX
RF_Txon
34
mA
Power Down Current
IPD
RF_Sleep
200
μA
2.4
Receiver Characteristics
Table 4. Receiver Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Frequency
FOP
840
-
1300
MHz
18
-
660
Sensitivity
RXSENS
1, 4, 5
-123
-123
-123
dBm
Adjacent Channel Selectivity
ACS
2, 4
68
68
68
dB
Blocking
BLK
3, 4
82
85
85
dB
Inter-modulation
IMD
4
65.5
66
66
dB
Audio
Earpiece output level
EARO
5
146
mVrms
SINAD
ASNR
5, 6
53
53
53
dB
Amplitude response
ARES
-3
3
dB
Audio noise floor
ANF
81
dBm
CTCSS
CTCSS sensitivity
CTSEN
-123
dBm
CTCSS response time
CTRES
75
125
ms
Frequency range
SAF
62.5
250.3
Hz
DCS
CDCSS sensitivity
CDSEN
-123
CDCSS response time
CDRES
171
ms
Code length
CLEN
23
24
Bit
Bit rate
BRATE
134.4
Hz
SELCALL
SELCALL sensitivity
SELSEN
-123
dBm
SELCALL response time
SELRES
30
ms
Frequency range
IBSF
400
3000
Hz
DTMF
DTMF sensitivity
DTSEN
-123
dBm
DTMF response time
DTRES
20
ms
High band frequency range
FH
1209
1633
Hz


Description similaire - BK4819

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com