Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E01004011I7400361AN Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce E01004011I7400361AN
Description  TECHNICAL SPECIFICATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

E01004011I7400361AN Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button E01004011I7400361AN Datasheet HTML 5Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 6Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 7Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 8Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 9Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 10Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 11Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 12Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
E Ink Holdings Inc.
ED060SC7
6.Electrical Characteristics
6-1) Absolute maximum rating
Parameter
Symbol
Rating
Unit
Logic Supply Voltage
VDD
-0.3 to +7
V
Positive Supply Voltage
VPOS
-0.3 to +18
V
Negative Supply Voltage
VNEG
+0.3 to -18
V
Max .Drive Voltage Range
VPOS - VNEG
36
V
Supply Voltage
VGG
-0.3 to +45
V
Supply Voltage
VEE
-25.0 to +0.3
V
Supply Range
VGG-VEE
-0.3 to +45
V
Operating Temp. Range
TOTR
0 to +50
Storage Temperature
TSTG
-25 to +70
6-2) Panel DC characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal ground
VSS
-
0
-
V
VDD
3.0
3.3
3.6
V
Logic Voltage supply
IVDD
VDD=3.3V
-
1.05
3.15
mA
VEE
-21
-20
-19
V
Gate Negative supply
IEE
VEE =-20V
-
0.8
2.4
mA
VGG
21
22
23
V
Gate Positive supply
IGG
VGG = 22V
-
0.8
2.4
mA
VNEG
-15.4
-15
-14.6
V
Source Negative supply
INEG
VNEG = -15V
-
18
36
mA
VPOS
14.6
15
15.4
V
Source Positive supply
IPOS
VPOS = 15V
-
16
32
mA
VPOS = 15V
14.6
15
15.4
V
Border supply
VBorder
VNEG = -15V
-15.4
-15
-14.6
V
Asymmetry source
VAsym
VPOS+VNEG
-800
0
800
mV
VCOM
-2.5
Adjusted
-0.3
V
Common voltage
ICOM
-
0.25
-
mA
Maximum power panel
PMAX
-
-
1131
mW
Standby power panel
PSTBY
-
-
0.4
mW
Typical power panel
PTYP
-
547
-
mW
Operating temperature
0
-
50
Storage temperature
-25
-
70
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:9
P-511-608(V:2)


Numéro de pièce similaire - E01004011I7400361AN

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results

Description similaire - E01004011I7400361AN

FabricantNo de pièceFiches techniqueDescription
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com