Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E01004011I7400361AN Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce E01004011I7400361AN
Description  TECHNICAL SPECIFICATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

E01004011I7400361AN Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button E01004011I7400361AN Datasheet HTML 3Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 4Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 5Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 6Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 7Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 8Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 9Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 10Page - List of Unclassifed Manufacturers E01004011I7400361AN Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
E Ink Holdings Inc.
ED060SC7
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:7
5. Input/Output Interface
5-1) Connector type: AXT434124
Pin Assignment
Pin #
Signal
Description
Remark
1
VNEG
Negative power supply source driver
2
VPOS
Positive power supply source driver
3
VNEG
Negative power supply source driver
4
VPOS
Positive power supply source driver
5
VDD
Digital power supply drivers
6
VSS
Ground
7
VDD
Digital power supply drivers
8
VSS
Ground
9
XCL
Clock source driver
10
XLE
Latch enable source driver
11
XOE
Output enable source driver
12
XSTL
Start pulse source driver
13
D0
Data signal source driver
14
D1
Data signal source driver
15
D2
Data signal source driver
16
D3
Data signal source driver
17
D4
Data signal source driver
18
D5
Data signal source driver
19
D6
Data signal source driver
20
D7
Data signal source driver
21
VCOM
Common connection
22
SPI_SCL
Serial Data Clock for Flash memory
Note5-1
23
VCOM
Common connection
24
SPI_SDI
Serial Data Input for Flash memory
Note5-1
25
VGG
Positive power supply gate driver
26
MODE1
Output mode selection gate driver
27
VEE
Negative power supply gate driver
28
CKV
Clock gate driver
29
VEE
Negative power supply gate driver
30
SPV
Start pulse gate driver
31
VSS
Ground
32
BORDER
Border connection
33
SPI_NCS
Chip Select for Flash memory
Note5-1
34
SPI_SDO
Serial Data Output for Flash memory
Note5-1
P-511-608(V:2)


Numéro de pièce similaire - E01004011I7400361AN

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results

Description similaire - E01004011I7400361AN

FabricantNo de pièceFiches techniqueDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com