| Moteur de recherche de fiches techniques de composants électroniques |
|
T89C5115-RATIM Fiches technique(PDF) 110 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C5115-RATIM Fiches technique(HTML) 110 Page - ATMEL Corporation |
|
110 / 113 page ![]() ii Program/Code Memory ...................................................................... 32 Flash Memory Architecture ................................................................................ 32 Overview of FM0 Operations.............................................................................. 34 Registers ............................................................................................................ 40 Operation Cross Memory Access ..................................................... 42 Sharing Instructions ........................................................................... 43 In-System Programming (ISP) ........................................................... 45 Flash Programming and Erasure ....................................................................... 45 Boot Process ...................................................................................................... 46 Application-Programming-Interface .................................................................... 46 XROW Bytes ...................................................................................................... 47 Hardware Conditions .......................................................................................... 47 Hardware Security Byte...................................................................................... 48 Serial I/O Port ...................................................................................... 49 Framing Error Detection .................................................................................... 49 Automatic Address Recognition ......................................................................... 50 Given Address .................................................................................................... 50 Broadcast Address ............................................................................................. 51 Registers ............................................................................................................. 52 Timers/Counters ................................................................................. 55 Timer/Counter Operations .................................................................................. 55 Timer 0 ............................................................................................................... 55 Timer 1 ............................................................................................................... 57 Interrupt .............................................................................................................. 58 Registers ............................................................................................................ 59 Timer 2 ................................................................................................. 62 Auto-Reload Mode ............................................................................................. 62 Programmable Clock-Output .............................................................................. 63 Registers ............................................................................................................ 64 Watchdog Timer .................................................................................. 67 Watchdog Programming...................................................................................... 68 Watchdog Timer During Power-down Mode and Idle ...................... 69 Register .............................................................................................................. 69 Programmable Counter Array (PCA) ................................................. 71 |