| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C5131A-RDTIM Fiches technique(PDF) 175 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTIM Fiches technique(HTML) 175 Page - ATMEL Corporation |
|
175 / 186 page ![]() 175 AT89C5130A/31A-M 4337G–USB–11/06 Waveforms Figure 84. SPI Slave Waveforms (CPHA= 0) Note: 1. Not Defined but generally the MSB of the character which has just been received. Figure 85. SPI Slave Waveforms (CPHA= 1) Note: 1. Not Defined but generally the LSB of the character which has just been received. TSLCL TSLCH TCHCL TCLCH MOSI (input) SCK (CPOL= 0) (input) SS (input) SCK (CPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX TIVCL TCLIX TCHIX TIVCH TCHOV TCLOV TCHOX TCLOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL TCHSH TCLSH TCHCL TCLCH MOSI (input) SCK (CPOL= 0) (input) SS (input) SCK (CPOL= 1) (input) MISO (output) TCHCH TCLCX TCHCX TIVCL T CLIX TCHIX TIVCH TCLOV TCHOV TCLOX TCHOX MSB IN BIT 6 LSB IN SLAVE MSB OUT SLAVE LSB OUT BIT 6 TSLOV (1) TSHOX TSHSL TCHSH TCLSH TSLCL TSLCH |