Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBV409LT1 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MMBV409LT1
Description  Silicon Tuning Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBV409LT1 Fiches technique(HTML) 1 Page - ON Semiconductor

  MMBV409LT1 Datasheet HTML 1Page - ON Semiconductor MMBV409LT1 Datasheet HTML 2Page - ON Semiconductor MMBV409LT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 3
1
Publication Order Number:
MMBV409LT1/D
MMBV409LT1
Preferred Device
Silicon Tuning Diode
This device is designed in the Surface Mount package for general
frequency control and tuning applications. It provides solid−state
reliability in replacement of mechanical tuning methods.
Features
High Q with Guaranteed Minimum Values at VHF Frequencies
Controlled and Uniform Tuning Ratio
Available in Surface Mount Package
Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
20
Vdc
Forward Current
IF
200
mAdc
Forward Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Junction Temperature
TJ
+125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 8
Device
Package
Shipping
ORDERING INFORMATION
MMBV409LT1
SOT−23
3,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBV409LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
3
Cathode
1
Anode
Preferred devices are recommended choices for future use
and best overall value.
1
2
3
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
X5 M
G
G
X5 = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM


Numéro de pièce similaire - MMBV409LT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV409LT1 LRC-MMBV409LT1 Datasheet
106Kb / 2P
Silicon Tuning Diode
logo
E-Tech Electronics LTD
MMBV409LT1 ETL-MMBV409LT1 Datasheet
103Kb / 2P
Silicon Tuning Diode
More results

Description similaire - MMBV409LT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
Silicon Tuning Diode
February, 2006 ??Rev. 2
logo
Infineon Technologies A...
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
Silicon Tuning Diode
2007-04-20
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
Silicon Tuning Diode
2007-04-20
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com