Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AXP2T45 Fiches technique(PDF) 11 Page - Nexperia B.V. All rights reserved

No de pièce 74AXP2T45
Description  2-bit dual supply translating transceiver; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45 Fiches technique(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
VCC(B)
1.2 V ± 0.1 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
DIR to nA
[1]
VCC(A) = 1.2 V ± 0.1 V
9.6
67.3
9.6
67.3
9.6
67.3
9.6
67.3
9.6
67.3
9.6
67.3
ns
VCC(A) = 1.5 V ± 0.1 V
7.4
37.5
7.4
37.5
7.4
37.5
7.4
37.5
7.4
37.5
7.4
37.5
ns
VCC(A) = 1.8 V ± 0.15 V
6.7
29
6.7
29
6.7
29
6.7
29
6.7
29
6.7
29
ns
VCC(A) = 2.5 V ± 0.2 V
4.9
19
4.9
19
4.9
19
4.9
19
4.9
19
4.9
19
ns
VCC(A) = 3.3 V ± 0.3 V
5.3
17.3
5.3
17.3
5.3
17.3
5.3
17.3
5.3
17.3
5.3
17.3
ns
VCC(A) = 5.0 V ± 0.5 V
3.7
12
3.7
12
3.7
12
3.7
12
3.7
12
3.7
12
ns
DIR to nB
VCC(A) = 1.2 V ± 0.1 V
8.9
58.3
8.5
49.3
8.3
47
8.0
45.8
7.8
45
7.6
44.7
ns
VCC(A) = 1.5 V ± 0.1 V
7.4
45.2
6.9
32.5
6.7
29.8
6.5
27.2
6.3
26.6
6.1
26
ns
VCC(A) = 1.8 V ± 0.15 V
7.1
42
6.7
28.9
6.4
26.2
6.2
23.9
6.1
23
5.9
22.5
ns
VCC(A) = 2.5 V ± 0.2 V
5.7
37
5.3
25
5.0
22.5
4.8
20.1
4.6
19
4.5
18.4
ns
VCC(A) = 3.3 V ± 0.3 V
6.2
37.2
5.8
23.8
5.5
21.2
5.3
18.6
5.1
17.7
4.9
17.1
ns
ten
enable time
VCC(A) = 5.0 V ± 0.5 V
5.1
33.7
4.6
21
4.3
18.2
4.0
15.7
3.8
14.6
3.6
13.9
ns
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
11 / 26


Numéro de pièce similaire - 74AXP2T45

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AXP2T08 NEXPERIA-74AXP2T08 Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08-Q100 NEXPERIA-74AXP2T08-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08DP NEXPERIA-74AXP2T08DP Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08DP-Q100 NEXPERIA-74AXP2T08DP-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08GF NEXPERIA-74AXP2T08GF Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
More results

Description similaire - 74AXP2T45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com