Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AXP2T45 Fiches technique(PDF) 8 Page - Nexperia B.V. All rights reserved

No de pièce 74AXP2T45
Description  2-bit dual supply translating transceiver; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45 Fiches technique(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T45 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
Table 8. Typical total supply current ICC(A) at Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V).
VCC(B)
VCC(A)
0 V
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
0 V
0.00
0.01
0.01
0.01
0.01
0.01
0.01
0.01
μA
0.9 V
0.01
0.08
0.08
0.08
0.08
0.08
0.08
0.08
μA
1.2 V
0.01
0.10
0.10
0.10
0.10
0.10
0.10
0.10
μA
1.5 V
0.01
0.13
0.13
0.13
0.13
0.13
0.13
0.13
μA
1.8 V
0.01
0.16
0.16
0.16
0.16
0.16
0.16
0.16
μA
2.5 V
0.01
0.22
0.22
0.22
0.22
0.22
0.22
0.22
μA
3.3 V
0.01
0.29
0.29
0.29
0.29
0.29
0.29
0.29
μA
5.0 V
0.01
0.44
0.44
0.44
0.44
0.44
0.44
0.44
μA
Table 9. Typical total supply current ICC(B) at Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V).
VCC(B)
VCC(A)
0 V
0.9 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
0 V
0.00
0.01
0.01
0.01
0.01
0.01
0.01
0.01
μA
0.9 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
1.2 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
1.5 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
1.8 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
2.5 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
3.3 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
5.0 V
0.01
0.08
0.10
0.13
0.16
0.22
0.29
0.44
μA
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
8 / 26


Numéro de pièce similaire - 74AXP2T45

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AXP2T08 NEXPERIA-74AXP2T08 Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08-Q100 NEXPERIA-74AXP2T08-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08DP NEXPERIA-74AXP2T08DP Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
74AXP2T08DP-Q100 NEXPERIA-74AXP2T08DP-Q100 Datasheet
226Kb / 15P
Dual supply, dual 2-input AND gate
74AXP2T08GF NEXPERIA-74AXP2T08GF Datasheet
234Kb / 16P
Dual supply, dual 2-input AND gate
More results

Description similaire - 74AXP2T45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com