| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1893 Fiches technique(PDF) 136 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 Fiches technique(HTML) 136 Page - Renesas Technology Corp |
|
136 / 153 page ![]() ICS1893 Rev C 6/6/00 June, 2000 136 Chapter 10 DC and AC Operating Conditions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.10 10M Serial Interface: Transmit Latency Table 10-17 lists the significant time periods for the 10M Serial Interface transmit latency. The time periods consist of timings of signals on the following pins: • 10TXEN (the 10M Serial Interface mapping of the 10M/100M MII TXEN pins) • 10TCLK (the 10M Serial Interface mapping of the 10M/100M MII TXCLK pins) • 10TD (the 10M Serial Interface mapping of the 10M/100M MII TXD0 pins) • TP_TX (the MDI mapping of the 10M/100M MII TP_TXP and TP_TXN pins) Figure 10-11 shows the timing diagram for the time periods. Figure 10-11. 10M Serial Interface Transmit Latency Timing Diagram Table 10-17. 10M Serial Interface Transmit Latency Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 10TD Into TP_TX Out Delay 10M Serial Interface – 0.8 1 Bit times 10TXEN 10TCLK 10TD (MDI) P[3:0]TP_TX t1 Bit A Bit B Bit A Bit B |