| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1893 Fiches technique(PDF) 128 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1893 Fiches technique(HTML) 128 Page - Renesas Technology Corp |
|
128 / 153 page ![]() ICS1893 Rev C 6/6/00 June, 2000 128 Chapter 10 DC and AC Operating Conditions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.2 Timing for Transmit Clock (TXCLK) Pins Table 10-9 lists the significant time periods for signals on the Transmit Clock (TXCLK) pins for the various interfaces. Figure 10-3 shows the timing diagram for the time periods. Figure 10-3. Transmit Clock Timing Diagram Table 10-9. Transmit Clock Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 TXCLK Duty Cycle – 35 50 65 % t2a TXCLK Period 100M MII (100Base-TX) – 40 – ns t2b TXCLK Period 10M MII (10Base-T) – 400 – ns t2c TXCLK Period 100M Symbol Interface (100Base-TX) – 40 – ns t2d TXCLK Period 10M Serial Interface (10Base-T) – 100 – ns t1 t2x TXCLK |