| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72361 Fiches technique(PDF) 212 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361 Fiches technique(HTML) 212 Page - STMicroelectronics |
|
212 / 224 page ![]() ST72361 212/224 DEVICE CONFIGURATION AND ORDER INFORMATION (cont’d) Figure 127. FLASH User Programmable Device Types 14.2 TRANSFER OF CUSTOMER CODE Customer code is made up of the ROM/FAS- TROM contents and the list of the selected options (if any). The ROM/FASTROM contents are to be sent on diskette, or by electronic means, with the S19 hexadecimal file generated by the develop- ment tool. All unused bytes must be set to FFh. The selected options are communicated to STMicroelectronics using the correctly completed OPTION LIST appended. Refer to application note AN1635 for information on the counter listing returned by ST after code has been transferred. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Part Number Package Memory (Kbytes) RAM (Kbytes) Temp Range ST72F361AR6T6 LQFP64 10x10 32 1.5 -40 to +85°C ST72F361AR7T6 48 2 ST72F361AR9T6 60 2 ST72F361J6T6 LQFP44 10x10 32 1.5 ST72F361J7T6 48 2 ST72F361J9T6 60 2 ST72F361K6T6 LQFP32 7x7 32 1.5 ST72F361K7T6 48 2 ST72F361K9T6 60 2 ST72F361AR6T3 LQFP64 10x10 32 1.5 -40 to +125°C ST72F361AR7T3 48 2 ST72F361AR9T3 60 2 ST72F361J6T3 LQFP44 10x10 32 1.5 ST72F361J7T3 48 2 ST72F361J9T3 60 2 ST72F361K6T3 LQFP32 7x7 32 1.5 ST72F361K7T3 48 2 ST72F361K9T3 60 2 |