Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774PW-Q100 Fiches technique(PDF) 1 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774PW-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774PW-Q100 Fiches technique(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AVC4T774PW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
74AVC4T774PW-Q100
4-bit dual supply translating transceiver; 3-state
Rev. 1 — 20 October 2021
Product data sheet
1. General description
The 74AVC4T774PW-Q100 is a 4-bit, dual supply transceiver that enables bidirectional level
translation. It features eight 1-bit input-output ports (An and Bn), four direction control inputs (DIR1,
DIR2, DIR3 and DIR4), an output enable input (OE) and dual supply pins (VCC(A) and VCC(B)). Both
VCC(A) and VCC(B) can be supplied at any voltage between 0.8 V and 1.95 V for translating between
the 0.8 V, 1.2 V, 1.5 V and 1.8 V supply voltage nodes or 1.1 V to 3.6 V for translating between the
1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V supply voltage nodes. Pins An, OE and DIRn are referenced to
VCC(A) and pins Bn are referenced to VCC(B). A HIGH on DIRn allows transmission from An to Bn
and a LOW on DIRn allows transmission from Bn to An. The output enable input (OE) can be used
to disable the outputs so the buses are effectively isolated.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both An and Bn
are in the high-impedance OFF-state.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.
2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range:
• VCC(A) and VCC(B): 0.8 V to 1.95 V or 1.1 V to 3.6 V
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E Class 3B exceeds 8000 V
• CDM JESD22-C101C exceeds 1500 V
• Maximum data rates:
• 380 Mbit/s (≥ 1.8 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 2.5 V translation)
• 200 Mbit/s (≥ 1.1 V to 1.8 V translation)
• 150 Mbit/s (≥ 1.1 V to 1.5 V translation)
• 100 Mbit/s (≥ 1.1 V to 1.2 V translation)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• IOFF circuitry provides partial Power-down mode operation


Numéro de pièce similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
More results

Description similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com