Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774PW-Q100 Fiches technique(PDF) 6 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774PW-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774PW-Q100 Fiches technique(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74AVC4T774PW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Nexperia
74AVC4T774PW-Q100
4-bit dual supply translating transceiver; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
data input
VCCI = 0.8 V
-
0.30VCCI
-
0.30VCCI V
VCCI = 1.1 V to 1.95 V
-
0.35VCCI
-
0.35VCCI V
VCCI = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VCCI = 3.0 V to 3.6 V
-
0.8
-
0.8
V
DIRn, OE input
VCC(A) = 0.8 V
-
0.30VCC(A)
-
0.30VCC(A) V
VCC(A) = 1.1 V to 1.95 V
-
0.35VCC(A)
-
0.35VCC(A) V
VCC(A) = 2.3 V to 2.7 V
-
0.7
-
0.7
V
VIL
LOW-level
input voltage
VCC(A) = 3.0 V to 3.6 V
-
0.8
-
0.8
V
VI = VIH or VIL
IO = -100 μA;
VCC(A) = VCC(B) = 0.8 V to 3.6 V
VCCO - 0.1
-
VCCO - 0.1
-
V
IO = -3 mA;
VCC(A) = VCC(B) = 1.1 V
0.85
-
0.85
-
V
IO = -6 mA;
VCC(A) = VCC(B) = 1.4 V
1.05
-
1.05
-
V
IO = -8 mA;
VCC(A) = VCC(B) = 1.65 V
1.2
-
1.2
-
V
IO = -9 mA;
VCC(A) = VCC(B) = 2.3 V
1.75
-
1.75
-
V
VOH
HIGH-level
output voltage
IO = -12 mA;
VCC(A) = VCC(B) = 3.0 V
2.3
-
2.3
-
V
VI = VIH or VIL
IO = 100 μA;
VCC(A) = VCC(B) = 0.8 V to 3.6 V
-
0.1
-
0.1
V
IO = 3 mA;
VCC(A) = VCC(B) = 1.1 V
-
0.25
-
0.25
V
IO = 6 mA;
VCC(A) = VCC(B) = 1.4 V
-
0.35
-
0.35
V
IO = 8 mA;
VCC(A) = VCC(B) = 1.65 V
-
0.45
-
0.45
V
IO = 9 mA;
VCC(A) = VCC(B) = 2.3 V
-
0.55
-
0.55
V
VOL
LOW-level
output voltage
IO = 12 mA;
VCC(A) = VCC(B) = 3.0 V
-
0.7
-
0.7
V
II
input leakage
current
DIRn, OE input; VI = 0 V or 3.6 V;
VCC(A) = VCC(B) = 0.8 V to 3.6 V
-
±1
-
±5
μA
A or B port; VO = 0 V or VCCO;
VCC(A) = VCC(B) = 3.6 V
[3]
-
±5
-
±30
μA
suspend mode A port;
VO = 0 V or VCCO; VCC(A) = 3.6 V;
VCC(B) = 0 V
[3]
-
±5
-
±30
μA
IOZ
OFF-state
output current
suspend mode B port;
VO = 0 V or VCCO; VCC(A) = 0 V;
VCC(B) = 3.6 V
[3]
-
±5
-
±30
μA
74AVC4T774PW_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 20 October 2021
6 / 20


Numéro de pièce similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
More results

Description similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com