Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774PW-Q100 Fiches technique(PDF) 4 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774PW-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774PW-Q100 Fiches technique(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AVC4T774PW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Nexperia
74AVC4T774PW-Q100
4-bit dual supply translating transceiver; 3-state
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
-0.5
+4.6
V
VCC(B) supply voltage B
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+4.6
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1] [2] [3]
-0.5
VCCO + 0.5 V
VO
output voltage
Suspend or 3-state mode
[1]
-0.5
+4.6
V
IO
output current
VO = 0 V to VCCO
[2]
-
±50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[4]
-
500
mW
[1] The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] VCCO is the supply voltage associated with the output port.
[3] VCCO + 0.5 V should not exceed 4.6 V.
[4] For SOT403-1 (TSSOP16) package: Ptot derates linearly with 8.5 mW/K above 91 °C.
9. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
0.8
3.6
V
VCC(B) supply voltage B
0.8
3.6
V
VI
input voltage
0
3.6
V
Active mode
[1]
0
VCCO
V
VO
output voltage
Suspend or 3-state mode
0
3.6
V
Tamb
ambient temperature
-40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCCI =0.8 V to 3.6 V
[2]
-
10
ns/V
[1] VCCO is the supply voltage associated with the output port.
[2] VCCI is the supply voltage associated with the input port.
74AVC4T774PW_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 20 October 2021
4 / 20


Numéro de pièce similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
4-bit dual supply translating transceiver 3-state
More results

Description similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com