Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774PW-Q100 Fiches technique(PDF) 3 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774PW-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774PW-Q100 Fiches technique(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AVC4T774PW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Nexperia
74AVC4T774PW-Q100
4-bit dual supply translating transceiver; 3-state
6. Pinning information
6.1. Pinning
74AVC4T774
DIR1
VCC(A)
DIR2
VCC(B)
A1
B1
A2
B2
A3
B3
A4
B4
DIR3
GND
DIR4
OE
aaa-027528
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 3. Pin configuration SOT403-1 (TSSOP16)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
VCC(A)
16
supply voltage A (An, OE and DIRn inputs are referenced to VCC(A))
DIR1, DIR2, DIR3, DIR4 1, 2, 7, 8
direction control input
A1, A2, A3, A4
3, 4, 5, 6
data input or output
GND
10
ground (0 V)
B1, B2, B3, B4
14, 13, 12, 11
data input or output
OE
9
output enable input (active LOW)
VCC(B)
15
supply voltage B (Bn pins are referenced to VCC(B))
7. Functional description
Table 4. Function table [1] [2]
Supply voltage
Input
Input/output
VCC(A), VCC(B)
OE
DIR1
DIR2
DIR3
DIR4
An
Bn
0.8 V to 3.6 V
L
L
X
X
X
A1 = B1
input B1
0.8 V to 3.6 V
L
H
X
X
X
input A1
B1 = A1
0.8 V to 3.6 V
L
X
L
X
X
A2 = B2
input B2
0.8 V to 3.6 V
L
X
H
X
X
input A2
B2 = A2
0.8 V to 3.6 V
L
X
X
L
X
A3 = B3
input B3
0.8 V to 3.6 V
L
X
X
H
X
input A3
B3 = A3
0.8 V to 3.6 V
L
X
X
X
L
A4 = B4
input B4
0.8 V to 3.6 V
L
X
X
X
H
input A4
B4 = A4
0.8 V to 3.6 V
H
X
X
X
X
Z
Z
GND [3]
X
X
X
X
X
Z
Z
[1] H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2] The An, DIRn and OE input circuit is referenced to VCC(A); The Bn input circuit is referenced to VCC(B).
[3] If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
74AVC4T774PW_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 20 October 2021
3 / 20


Numéro de pièce similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
More results

Description similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com