Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14538BCP Fiches technique(PDF) 7 Page - Motorola, Inc

No de pièce MC14538BCP
Description  DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14538BCP Fiches technique(HTML) 7 Page - Motorola, Inc

Back Button MC14538BCP Datasheet HTML 2Page - Motorola, Inc MC14538BCP Datasheet HTML 3Page - Motorola, Inc MC14538BCP Datasheet HTML 4Page - Motorola, Inc MC14538BCP Datasheet HTML 5Page - Motorola, Inc MC14538BCP Datasheet HTML 6Page - Motorola, Inc MC14538BCP Datasheet HTML 7Page - Motorola, Inc MC14538BCP Datasheet HTML 8Page - Motorola, Inc MC14538BCP Datasheet HTML 9Page - Motorola, Inc MC14538BCP Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MOTOROLA CMOS LOGIC DATA
7
MC14538B
RETRIGGER OPERATION
The MC14538B is retriggered if a valid trigger occurs Ž fol-
lowed by another valid trigger  before the Q output has
returned to the quiescent (zero) state. Any retrigger, after the
timing node voltage at pin 2 or 14 has begun to rise from
Vref 1, but has not yet reached Vref 2, will cause an increase
in output pulse width T. When a valid retrigger is initiated ,
the voltage at CX/RX will again drop to Vref 1 before
progressing along the RC charging curve toward VDD. The Q
output will remain high until time T, after the last valid retrig-
ger.
RESET OPERATION
The MC14538B may be reset during the generation of the
output pulse. In the reset mode of operation, an input pulse
on Reset sets the reset latch and causes the capacitor to be
fast charged to VDD by turning on transistor P1 . When the
voltage on the capacitor reaches Vref 2, the reset latch will
clear, and will then be ready to accept another pulse. It the
Reset input is held low, any trigger inputs that occur will be
inhibited and the Q and Q outputs of the output latch will not
change. Since the Q output is reset when an input low level is
detected on the Reset input, the output pulse T can be made
significantly shorter than the minimum pulse width specifi-
cation.
POWER–DOWN CONSIDERATIONS
Large capacitance values can cause problems due to the
large amount of energy stored. When a system containing
the MC14538B is powered down, the capacitor voltage may
discharge from VDD through the standard protection diodes
at pin 2 or 14. Current through the protection diodes should
be limited to 10 mA and therefore the discharge time of the
VDD supply must not be faster than (VDD). (C)/(10 mA). For
example, if VDD = 10 V and CX = 10 µF, the VDD supply
should discharge no faster than (10 V) x (10
µF)/(10 mA) =
10 ms. This is normally not a problem since power supplies
are heavily filtered and cannot discharge at this rate.
When a more rapid decrease of VDD to zero volts occurs,
the MC14538B can sustain damage. To avoid this possibility
use an external clamping diode, DX, connected as shown in
Fig. 11.
Figure 11. Use of a Diode to Limit
Power Down Current Surge
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
AB
RESET B
CX/RXB
VSS
VDD
QB
QB
BB
AA
RESET A
CX/RXA
VSS
VSS
QA
QA
BA
VSS
Dx
VDD
VDD
Rx
Cx
Q
Q
RESET


Numéro de pièce similaire - MC14538BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14538BCP ONSEMI-MC14538BCP Datasheet
286Kb / 12P
Dual Precision Retiggerable/Resettable Monostable Multivibrator
March, 2000 ??Rev. 3
MC14538BCP ONSEMI-MC14538BCP Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BCPG ONSEMI-MC14538BCPG Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BCPG ONSEMI-MC14538BCPG Datasheet
198Kb / 14P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
More results

Description similaire - MC14538BCP

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com