Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14538BCP Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC14538BCP
Description  DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14538BCP Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC14538BCP Datasheet HTML 2Page - Motorola, Inc MC14538BCP Datasheet HTML 3Page - Motorola, Inc MC14538BCP Datasheet HTML 4Page - Motorola, Inc MC14538BCP Datasheet HTML 5Page - Motorola, Inc MC14538BCP Datasheet HTML 6Page - Motorola, Inc MC14538BCP Datasheet HTML 7Page - Motorola, Inc MC14538BCP Datasheet HTML 8Page - Motorola, Inc MC14538BCP Datasheet HTML 9Page - Motorola, Inc MC14538BCP Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MOTOROLA CMOS LOGIC DATA
MC14538B
6
Figure 8. Typical Error of Pulse Width
Equation versus Temperature
Figure 9. Typical Error of Pulse Width
Equation versus Temperature
– 2
– 1
0
1
2
– 60 – 40
– 20
0
20
40
60
80
100
120
140
TA, AMBIENT TEMPERATURE (°C)
RX = 100 kΩ
CX = 0.1 µF
VDD = 15 V
VDD = 10 V
VDD = 5 V
– 2.0
– 1.0
0
1.0
2.0
3.0
– 3.0
– 60 – 40
– 20
0
20
40
60
80
100
120
140
TA, AMBIENT TEMPERATURE (°C)
RX = 100 kΩ
CX = .002 µF
VDD = 15 V
VDD = 10 V
VDD = 5.0 V
THEORY OF OPERATION
2
Figure 10. Timing Operation
Positive edge re–trigger (pulse lengthening)
Positive edge trigger
1
2
3
4
5
1
3
4
5
RESET
A
B
CX/RX
Q
Vref 1
Vref 1
Vref 1
Vref 1
Vref 2
Vref 2
Vref 2
Vref 2
T
T
T
Negative edge trigger
Positive edge trigger
Positive edge re–trigger (pulse lengthening)
TRIGGER OPERATION
The block diagram of the MC14538B is shown in Figure 1,
with circuit operation following.
As shown in Figure 1 and 10, before an input trigger
occurs, the monostable is in the quiescent state with the Q
output low, and the timing capacitor CX completely charged
to VDD. When the trigger input A goes from VSS to VDD
(while inputs B and Reset are held to VDD) a valid trigger is
recognized, which turns on comparator C1 and N–channel
transistor N1 Œ. At the same time the output latch is set. With
transistor N1 on, the capacitor CX rapidly discharges toward
VSS until Vref1 is reached. At this point the output of
comparator C1 changes state and transistor N1 turns off.
Comparator C1 then turns off while at the same time
comparator C2 turns on. With transistor N1 off, the capacitor
CX begins to charge through the timing resistor, RX, toward
VDD. When the voltage across CX equals Vref 2, comparator
C2 changes state, causing the output latch to reset (Q goes
low) while at the same time disabling comparator C2 . This
ends at the timing cycle with the monostable in the quiescent
state, waiting for the next trigger.
In the quiescent state, CX is fully charged to VDD causing
the current through resistor RX to be zero. Both comparators
are “off” with total device current due only to reverse junction
leakages. An added feature of the MC14538B is that the out-
put latch is set via the input trigger without regard to the
capacitor voltage. Thus, propagation delay from trigger to Q
is independent of the value of CX, RX, or the duty cycle of the
input waveform.


Numéro de pièce similaire - MC14538BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14538BCP ONSEMI-MC14538BCP Datasheet
286Kb / 12P
Dual Precision Retiggerable/Resettable Monostable Multivibrator
March, 2000 ??Rev. 3
MC14538BCP ONSEMI-MC14538BCP Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BCPG ONSEMI-MC14538BCPG Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BCPG ONSEMI-MC14538BCPG Datasheet
198Kb / 14P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
More results

Description similaire - MC14538BCP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com