| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32U535NET3QTR Fiches technique(PDF) 219 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U535NET3QTR Fiches technique(HTML) 219 Page - STMicroelectronics |
|
219 / 278 page ![]() DS14217 Rev 1 219/278 STM32U535xx Electrical characteristics 253 tCONV Total conversion time (including sampling time) Resolution = N bits, VREFPROTEN = 0 ts + N + 0.5 1/fADC Resolution = N bits, VREFPROTEN = 1 VREFSECSMP = 0 ts + N + 0.5 - ts + N + 1.5 Resolution = N bits, VREFPROTEN = 1 VREFSECSMP = 1 ts + N + 0.5 - ts + N + 2.5 IDDA(ADC) ADC consumption on VDDA fs = 2.5 Msps - 360 - µA fs = 1 Msps - 180 - fs = 10 ksps - 10 - AUTOFF = 1, DPD = 0, no conversion -9 - AUTOFF = 1, DPD = 1, no conversion -0.1 - IDDV(ADC) ADC consumption on VREF+ fs = 2.5 Msps - 18 - fs = 1 Msps - 10.2 - fs = 10 ksps - 0.12 - AUTOFF = 1, DPD = 0, no conversion -0.01 - AUTOFF = 1, DPD = 1, no conversion -0.01 - 1. Specified by design. Not tested in production. 2. The voltage booster on the ADC switches must be used when VDDA < 2.4 V (embedded I/O switches). 3. Depending on the package, VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA. 4. The tolerance is 2 LSBs. Table 104. 12-bit ADC4 characteristics(1)(2) (continued) Symbol Parameter Conditions Min Typ Max Unit |