Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U535NET3QTR Fiches technique(PDF) 176 Page - STMicroelectronics

No de pièce STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Fiches technique(HTML) 176 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 172Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 173Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 174Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 175Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 176Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 177Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 178Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 179Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 278 page
background image
Electrical characteristics
STM32U535xx
176/278
DS14217 Rev 1
APB1
1.18
1.10
0.99
0.90
-
0.64
0.55
0.46
0.34
-
µA/
MHz
CRS
0.37
0.34
0.31
0.28
-
0.20
0.17
0.14
0.10
-
FDCAN1
5.29
4.84
4.41
4.04
-
2.84
2.41
2.04
1.49
-
FDCAN1
indep(1)
2.89
2.67
2.43
2.17
-
1.56
1.32
1.12
0.82
-
I2C1
0.90
0.82
0.75
0.68
-
0.49
0.41
0.34
0.25
-
I2C1 indep(1)
2.18
1.99
1.81
1.63
-
1.19
1.00
0.84
0.61
-
I2C2
3.08
2.80
2.56
2.30
-
1.66
1.40
1.18
0.86
-
I2C2 indep(1)
2.24
2.05
1.86
1.68
-
1.21
1.02
0.86
0.63
-
I2C4
0.94
0.87
0.79
0.71
-
0.52
0.44
0.37
0.27
-
I2C4 indep(1)
2.28
2.09
1.89
1.71
-
1.24
1.04
0.88
0.64
-
LPTIM2
1.66
1.51
1.39
1.25
-
0.89
0.76
0.64
0.47
-
LPTIM2
indep(1)
4.15
3.79
3.45
3.11
-
2.24
1.90
1.61
1.17
-
SPI2
1.82
1.66
1.51
1.36
-
0.97
0.83
0.71
0.51
-
SPI2 indep(1)
0.63
0.57
0.51
0.47
-
0.33
0.28
0.24
0.18
-
TIM2
4.27
3.91
3.57
3.21
-
2.29
1.95
1.65
1.20
-
TIM3
4.03
3.69
3.37
3.03
-
2.16
1.84
1.56
1.14
-
TIM4
4.09
3.74
3.41
3.06
-
2.18
1.86
1.58
1.15
-
TIM5
3.92
3.59
3.27
2.94
-
2.10
1.79
1.52
1.11
-
TIM6
0.93
0.85
0.78
0.69
-
0.50
0.42
0.36
0.26
-
TIM7
0.91
0.83
0.76
0.68
-
0.49
0.42
0.35
0.26
-
UART4
2.03
1.85
1.68
1.51
-
1.08
0.93
0.78
0.57
-
UART4
indep(1)
3.54
3.23
2.93
2.64
-
1.91
1.62
1.36
0.99
-
UART5
2.11
1.92
1.75
1.57
-
1.13
0.97
0.81
0.59
-
UART5
indep(1)
3.54
3.23
2.94
2.64
-
1.91
1.62
1.37
0.99
-
USART3
2.35
2.14
1.95
1.75
-
1.26
1.07
0.90
0.66
-
USART3
indep(1)
4.36
3.97
3.62
3.25
-
2.33
1.98
1.68
1.22
-
WWDG
0.37
0.34
0.31
0.28
-
0.20
0.17
0.14
0.11
-
Table 71. Typical dynamic current consumption of peripherals (continued)
Bus
Peripheral
LDO
SMPS
Unit
Range
1
Range
2
Range
3
Range
4
Stop
1/2
Range
1
Range
2
Range
3
Range
4
Stop
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More