Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U535NET6QTR Fiches technique(PDF) 178 Page - STMicroelectronics

No de pièce STM32U535NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET6QTR Fiches technique(HTML) 178 Page - STMicroelectronics

Back Button STM32U535NET6QTR Datasheet HTML 174Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 175Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 176Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 177Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 178Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 179Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 180Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 181Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 278 page
background image
Electrical characteristics
STM32U535xx
178/278
DS14217 Rev 1
APB3
0.40
0.39
0.35
0.32
-
0.23
0.19
0.16
0.12
-
µA/
MHz
COMP
0.22
0.20
0.19
0.16
0.01
0.12
0.10
0.08
0.06
0.01
I2C3
0.70
0.64
0.58
0.53
0.53
0.38
0.32
0.27
0.20
0.20
I2C3 indep(1)
1.70
1.55
1.40
1.27
1.27
0.91
0.78
0.65
0.48
0.48
LPTIM1
1.09
0.99
0.90
0.81
0.82
0.59
0.49
0.42
0.31
0.31
LPTIM1
indep(1)
2.88
2.62
2.41
2.15
2.19
1.58
1.32
1.12
0.82
0.83
LPTIM3
1.03
0.94
0.85
0.76
0.77
0.56
0.46
0.40
0.29
0.29
LPTIM3
indep(1)
2.99
2.75
2.46
2.22
2.24
1.70
1.36
1.13
0.84
0.85
LPTIM4
0.64
0.59
0.53
0.48
0.48
0.35
0.29
0.25
0.18
0.18
LPTIM4
indep(1)
1.74
1.60
1.42
1.29
1.32
0.90
0.82
0.68
0.49
0.50
LPUART1
1.39
1.26
1.15
1.03
1.03
0.75
0.62
0.53
0.39
0.39
LPUART1
indep(1)
2.06
1.87
1.70
1.52
1.53
1.12
0.93
0.79
0.57
0.58
OPAMP
0.21
0.20
0.18
0.16
0.16
0.11
0.09
0.08
0.06
0.06
RTC
2.96
2.69
2.44
2.21
2.22
1.59
1.34
1.14
0.83
0.84
SPI3
1.55
1.41
1.28
1.15
1.15
0.84
0.70
0.60
0.43
0.44
SPI3 indep(1)
0.57
0.51
0.46
0.42
0.42
0.30
0.26
0.22
0.16
0.16
SYSCFG
0.38
0.35
0.32
0.29
-
0.20
0.18
0.14
0.11
-
VREFBUF
0.12
0.11
0.10
0.09
0.09
0.07
0.05
0.04
0.04
0.04
1. indep stands for independent clock domain.
Table 71. Typical dynamic current consumption of peripherals (continued)
Bus
Peripheral
LDO
SMPS
Unit
Range
1
Range
2
Range
3
Range
4
Stop
1/2
Range
1
Range
2
Range
3
Range
4
Stop
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More