Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32U535NET6QTR Fiches technique(PDF) 101 Page - STMicroelectronics

No de pièce STM32U535NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET6QTR Fiches technique(HTML) 101 Page - STMicroelectronics

Back Button STM32U535NET6QTR Datasheet HTML 97Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 98Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 99Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 100Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 101Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 102Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 103Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 104Page - STMicroelectronics STM32U535NET6QTR Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 278 page
background image
17
H10 23 H3 J12
31
M2
17
23 H4 32
M4
PA7
I/O
FT_fha
-
SRDSTOP, TIM1_CH1N,
TIM3_CH2, TIM8_CH1N,
I2C3_SCL, SPI1_MOSI(boot),
USART3_TX, OCTOSPI1_IO2,
LPTIM2_CH2, TIM17_CH1,
EVENTOUT
ADC1_IN12,
ADC4_IN20,
WKUP8
-
-
-
-
-
-
-
-
24 H5 33
K5
PC4
I/O
FT_ha
-
USART3_TX, OCTOSPI1_IO7,
EVENTOUT
COMP1_INM2,
ADC1_IN13,
ADC4_IN22
-
-
-
-
-
-
-
-
25 H6 34
L5
PC5
I/O
FT_at
-
TIM1_CH4N, SAI1_D3, PSSI_D15,
USART3_RX, EVENTOUT
COMP1_INP1,
ADC1_IN14,
ADC4_IN23,
WKUP5,
TAMP_IN4/
TAMP_OUT5
18
F6
24 H4 G10 32
L3
18
26 F5
35
M5
PB0
I/O
TT_ha
-
TIM1_CH2N, TIM3_CH3,
TIM8_CH2N, LPTIM3_CH1,
SPI1_NSS, USART3_CK,
OCTOSPI1_IO1, LPGPIO1_P9,
COMP1_OUT, AUDIOCLK,
EVENTOUT
ADC1_IN15,
ADC4_IN18
19
F4
25 G5 G8
33
M3
19
27 G5 36
M6
PB1
I/O
FT_ha
-
TIM1_CH3N, TIM3_CH4,
TIM8_CH3N, LPTIM3_CH2,
MDF1_SDI0, USART3_RTS_DE,
LPUART1_RTS_DE,
OCTOSPI1_IO0, LPGPIO1_P3,
LPTIM2_IN1, EVENTOUT
COMP1_INM1,
ADC1_IN16,
ADC4_IN19,
WKUP4
Table 26. STM32U535xx pin/ball definitions(1) (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More