| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32H7B3II Fiches technique(PDF) 229 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7B3II Fiches technique(HTML) 229 Page - STMicroelectronics |
|
229 / 238 page ![]() 3.23 Voltage reference buffer (VREFBUF) ............................................. 23 3.24 Ultra-low-power comparators (COMP) ............................................ 23 3.25 Operational amplifiers (OPAMP) ................................................. 23 3.26 Digital filter for sigma-delta modulators (DFSDM)................................... 23 3.27 Digital camera interface (DCMI) ................................................. 25 3.28 Parallel synchronous slave interface (PSSI) ....................................... 25 3.29 LCD-TFT display controller (LTDC)............................................... 25 3.30 JPEG codec (JPEG) ........................................................... 25 3.31 True random number generator (RNG) ........................................... 26 3.32 Cryptographic acceleration (CRYP and HASH)..................................... 26 3.33 On-the-fly decryption engine (OTFDEC) .......................................... 26 3.34 Timers and watchdogs ......................................................... 27 3.34.1 Advanced-control timers (TIM1, TIM8) ....................................... 27 3.34.2 General-purpose timers (TIMx) ............................................. 28 3.34.3 Basic timers (TIM6 and TIM7) .............................................. 28 3.34.4 Low-power timers (LPTIM1, LPTIM2, LPTIM3) ................................. 28 3.34.5 Independent watchdog ................................................... 28 3.34.6 Window watchdog....................................................... 29 3.34.7 SysTick timer .......................................................... 29 3.35 Real-time clock (RTC) ......................................................... 29 3.36 Tamper and backup registers (TAMP) ............................................ 29 3.37 Inter-integrated circuit interface (I2C) ............................................. 30 3.38 Universal synchronous/asynchronous receiver transmitter (USART) ................... 30 3.39 Low-power universal asynchronous receiver transmitter (LPUART) ................... 31 3.40 Serial peripheral interfaces (SPI)/integrated interchip sound interfaces (I2S) ............ 31 3.41 Serial audio interfaces (SAI) .................................................... 32 3.42 SPDIFRX receiver interface (SPDIFRX) .......................................... 32 3.43 Single wire protocol master interface (SWPMI)..................................... 32 3.44 Management data input/output (MDIO) slaves ..................................... 32 3.45 SD/SDIO/MMC card host interfaces (SDMMC) ..................................... 33 3.46 Controller area network (FDCAN1, FDCAN2) ...................................... 33 3.47 Universal serial bus on-the-go high-speed (OTG_HS) ............................... 33 3.48 High-definition multimedia interface (HDMI) - consumer electronics control (CEC) ....... 34 3.49 Debug infrastructure ........................................................... 34 4 Memory mapping .................................................................35 5 Pin descriptions ..................................................................36 STM32H7B3xI Contents DS13139 - Rev 8 page 229/238 |