Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774-Q100 Fiches technique(PDF) 4 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774-Q100 Fiches technique(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AVC4T774-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Nexperia
74AVC4T774-Q100
4-bit dual supply translating transceiver; 3-state
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
The An, DIRn and OE input circuit is referenced to VCC(A); The Bn input circuit is referenced to VCC(B).
Supply voltage
Input
Input/output
VCC(A), VCC(B)
OE
DIR1
DIR2
DIR3
DIR4
An
Bn
0.8 V to 3.6 V
L
L
X
X
X
A1 = B1
input B1
0.8 V to 3.6 V
L
H
X
X
X
input A1
B1 = A1
0.8 V to 3.6 V
L
X
L
X
X
A2 = B2
input B2
0.8 V to 3.6 V
L
X
H
X
X
input A2
B2 = A2
0.8 V to 3.6 V
L
X
X
L
X
A3 = B3
input B3
0.8 V to 3.6 V
L
X
X
H
X
input A3
B3 = A3
0.8 V to 3.6 V
L
X
X
X
L
A4 = B4
input B4
0.8 V to 3.6 V
L
X
X
X
H
input A4
B4 = A4
0.8 V to 3.6 V
H
X
X
X
X
Z
Z
GND [1]
X
X
X
X
X
Z
Z
[1] If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
-0.5
+4.6
V
VCC(B) supply voltage B
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+4.6
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1][2][3]
-0.5
VCCO + 0.5
V
VO
output voltage
Suspend or 3-state mode
[1]
-0.5
+4.6
V
IO
output current
VO = 0 V to VCCO
[2]
-
±50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
SOT763-1 (DHVQFN16)
[4]
-
500
mW
SOT1161-1 (XQFN16)
-
250
mW
[1] The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] VCCO is the supply voltage associated with the output port.
[3] VCCO + 0.5 V should not exceed 4.6 V.
[4] For SOT763-1 (DHVQFN16) package: Ptot derates linearly with 11.2 mW/K above 106 °C.
74AVC4T774_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 2 January 2023
4 / 23


Numéro de pièce similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774BQ NEXPERIA-74AVC4T774BQ Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774GU NEXPERIA-74AVC4T774GU Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results

Description similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com