Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774-Q100 Fiches technique(PDF) 10 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774-Q100 Fiches technique(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74AVC4T774-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Nexperia
74AVC4T774-Q100
4-bit dual supply translating transceiver; 3-state
Table 11. Typical dynamic characteristics at VCC(A) = 0.8 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 5; for waveforms see Fig. 3 and Fig. 4. [1]
VCC(B)
Symbol Parameter
Conditions
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
Unit
An to Bn
14.5
7.3
6.5
6.2
5.9
6.0
ns
tpd
propagation delay
Bn to An
14.5
12.7
12.4
12.3
12.1
12.0
ns
OE to An
14.3
14.3
14.3
14.3
14.3
14.3
ns
tdis
disable time
OE to Bn
17.0
9.9
9.0
9.4
9.0
9.7
ns
OE to An
18.2
18.2
18.2
18.2
18.2
18.2
ns
ten
enable time
OE to Bn
19.2
10.7
9.8
9.6
9.7
10.2
ns
[1] tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
Table 12. Typical dynamic characteristics at VCC(B) = 0.8 V and Tamb = 25 °C
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 5; for waveforms see Fig. 3 and Fig. 4. [1]
VCC(A)
Symbol Parameter
Conditions
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
Unit
An to Bn
14.5
12.7
12.4
12.3
12.1
12.0
ns
tpd
propagation delay
Bn to An
14.5
7.3
6.5
6.2
5.9
6.0
ns
OE to An
14.3
5.5
4.1
4.0
3.0
3.5
ns
tdis
disable time
OE to Bn
17.0
13.8
13.4
13.1
12.9
12.7
ns
OE to An
18.2
5.6
4.0
3.2
2.4
2.2
ns
ten
enable time
OE to Bn
19.2
14.6
14.1
13.9
13.7
13.6
ns
[1] tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
74AVC4T774_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 2 January 2023
10 / 23


Numéro de pièce similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774BQ NEXPERIA-74AVC4T774BQ Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774GU NEXPERIA-74AVC4T774GU Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results

Description similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com