Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774-Q100 Fiches technique(PDF) 5 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774-Q100 Fiches technique(HTML) 5 Page - Nexperia B.V. All rights reserved

  74AVC4T774-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Nexperia
74AVC4T774-Q100
4-bit dual supply translating transceiver; 3-state
9. Recommended operating conditions
Table 6. Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A) supply voltage A
0.8
3.6
V
VCC(B) supply voltage B
0.8
3.6
V
VI
input voltage
0
3.6
V
Active mode
[1]
0
VCCO
V
VO
output voltage
Suspend or 3-state mode
0
3.6
V
Tamb
ambient temperature
-40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCCI = 0.8 V to 3.6 V
[2]
-
10
ns/V
[1] VCCO is the supply voltage associated with the output port.
[2] VCCI is the supply voltage associated with the input port.
10. Static characteristics
Table 7. Typical static characteristics at Tamb = 25 °C
VCCI is the supply voltage associated with the data input port.
VCCO is the supply voltage associated with the output port.
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max Unit
VI = VIH or VIL
VOH
HIGH-level
output voltage
IO = -1.5 mA; VCC(A) = VCC(B) = 0.8 V
-
0.69
-
V
VI = VIH or VIL
VOL
LOW-level
output voltage
IO = 1.5 mA; VCC(A) = VCC(B) = 0.8 V
-
0.07
-
V
II
input leakage
current
DIRn, OE input; VI = 0 V or 3.6 V;
VCC(A) = VCC(B) = 0.8 V to 3.6 V
-
±0.025 ±0.25 μA
A or B port; VO = 0 V or VCCO; VCC(A) = VCC(B) = 3.6 V
[1]
-
±0.5
±2.5 μA
suspend mode A port; VO = 0 V or VCCO; VCC(A) = 3.6 V;
VCC(B) = 0 V
[1]
-
±0.5
±2.5 μA
IOZ
OFF-state
output current
suspend mode B port; VO = 0 V or VCCO; VCC(A) = 0 V;
VCC(B) = 3.6 V
[1]
-
±0.5
±2.5 μA
A port; VI or VO = 0 V to 3.6 V; VCC(A) = 0 V;
VCC(B) = 0.8 V to 3.6 V
-
±0.1
±1
μA
IOFF
power-off
leakage
current
B port; VI or VO = 0 V to 3.6 V; VCC(B) = 0 V;
VCC(A) = 0.8 V to 3.6 V
-
±0.1
±1
μA
CI
input
capacitance
DIRn, OE input; VI = 0 V or 3.3 V; VCC(A) = VCC(B) = 3.3 V
-
2.0
-
pF
CI/O
input/output
capacitance
A and B port; VO = 3.3 V or 0 V; VCC(A) = VCC(B) = 3.3 V
-
4.0
-
pF
[1] For I/O ports, the parameter IOZ includes the input leakage current.
74AVC4T774_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 2 January 2023
5 / 23


Numéro de pièce similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774BQ NEXPERIA-74AVC4T774BQ Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774GU NEXPERIA-74AVC4T774GU Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results

Description similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com