Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774-Q100 Fiches technique(PDF) 3 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774-Q100 Fiches technique(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AVC4T774-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Nexperia
74AVC4T774-Q100
4-bit dual supply translating transceiver; 3-state
6. Pinning information
6.1. Pinning
aaa-035583
BQ package
SOT763-1 (DHVQFN16)
GND(1)
DIR3
GND
A4
B4
A3
B3
A2
B2
A1
B1
DIR2
VCC(B)
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
GU package
SOT1161-1 (XQFN16)
terminal 1
index area
aaa-035584
Transparent top view
B1
12
B2
11
B3
10
B4
9
1
A1
2
A2
3
A3
4
A4
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder
the pad. In case soldered, the solder land should remain floating or connected to GND.
6.2. Pin description
Table 3. Pin description
Pin
Description
Symbol
SOT763-1
SOT1161-1
VCC(A)
16
14
supply voltage A (An, OE and DIRn inputs are
referenced to VCC(A))
DIR1, DIR2, DIR3, DIR4 1, 2, 7, 8
15, 16, 5, 6
direction control input
A1, A2, A3, A4
3, 4, 5, 6
1, 2, 3, 4
data input or output
GND
10
8
ground (0 V)
B1, B2, B3, B4
14, 13, 12, 11
12, 11, 10, 9
data input or output
OE
9
7
output enable input (active LOW)
VCC(B)
15
13
supply voltage B (Bn pins are referenced to VCC(B))
74AVC4T774_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 2 January 2023
3 / 23


Numéro de pièce similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774BQ NEXPERIA-74AVC4T774BQ Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774GU NEXPERIA-74AVC4T774GU Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
More results

Description similaire - 74AVC4T774-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
   4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com