Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E020 Fiches technique(PDF) 1 Page - C&K Components

No de pièce E020
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E020 Fiches technique(HTML) 1 Page - C&K Components

  E020_V01 Datasheet HTML 1Page - C&K Components E020_V01 Datasheet HTML 2Page - C&K Components E020_V01 Datasheet HTML 3Page - C&K Components E020_V01 Datasheet HTML 4Page - C&K Components E020_V01 Datasheet HTML 5Page - C&K Components E020_V01 Datasheet HTML 6Page - C&K Components E020_V01 Datasheet HTML 7Page - C&K Components E020_V01 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
A-21
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
Features/Benefits
• Process sealed with disposable
splashproof boot
• Long life contact design
• Snap-fitting plunger available
• RoHS compliant models available
Typical Applications
• Instrumentation
• Telecommunications and
networking equipment
• Computers and peripherals
Specifications
CONTACT RATING: B contact material (EX25 Models): 0.4 VA max.
@ 20 V AC or DC max. G contact material (EX21 Models): 1 AMP
@120 V AC or 28 V DC or 0.4 VA max. @ 20 V AC or DC max.
Note: Break-before-make contacts. Multi-pole contacts
do not make and break simultaneously. See page A-26 for
additional ratings.
ELECTRICAL LIFE: 60,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 50 m21Ω typ. initial @
2–4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 75ºC.
CAP INSTALLATION FORCE: 10 lbs. max. permissible.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with P, R, B or G contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant
(UL 94V-0).
PLUNGER: Glass filled nylon or glass filled polyester (PBT)
(UL 94V-0).
SWITCH SUPPORT: Brass or steel, matte-tin.
SWITCH SUPPORT RETAINER: Stainless steel.
N.O. & N.C. CONTACTS: EX25 MODELS: B contact material: Copper
alloy, with gold plate over nickel plate. EX21 MODELS: G contact
material: Coin silver, with gold plate over nickel plate. See page
A-26 for additional contact materials.
COMMON CONTACTS & ALL TERMINALS: Copper alloy, with
gold plate over nickel plate. See page A-26 for additional
contact materials.
TERMINAL SEAL: Epoxy.
DISPOSABLE BOOT: Vinyl splashproof boot supplied standard.
Remove and discard only after soldering and cleaning
processes are complete.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-22 thru A-28. For additional options not shown in catalog, consult our Customer Service Center.
All models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function
E121 SPDT On-Mom. 1 Amp
E221 DPDT On-Mom. 1 Amp
E125 SPDT On-Mom. 0.4VA
E225 DPDT On-Mom. 0.4VA
Plunger
S .282” high
M .331” high, snap-fitting
S1 .332” high
Bushing
D1 Unthreaded
D3 .180” high, unthreaded
Contact Material
B Gold
G Gold over silver
P Gold, matte-tin
R Gold over silver, matte-tin
Seal
E Epoxy and disposable
splashproof boot
Terminations
A
Right angle, PC thru-hole
AV2 Vertical right angle, PC thru-hole
C
PC Thru-hole
A3 Right angle, snap-in, PC thru-hole
AV3 Vertical right angle, snap-in, PC thru-hole
V3 .460” high, V-bracket
V4 .630” high, V-bracket
V6 .460” high, V-bracket
V8 .953” high, V-bracket
V31 .460” high, snap-in V-bracket
V41 .630” high, snap-in V-bracket
V61 .460” high, snap-in V-bracket
Models Available
5 Aug 20


Numéro de pièce similaire - E020_V01

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
E02068 ETC2-E02068 Datasheet
22Kb / 1P
   Bezeichnung Configuration
logo
ERNI Electronics
E02068 ERNI-E02068 Datasheet
22Kb / 1P
   Verdrahtungs-System
More results

Description similaire - E020_V01

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com