Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC337 Fiches technique(PDF) 4 Page - Weitron Technology

No de pièce BC337
Description  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC337 Fiches technique(HTML) 4 Page - Weitron Technology

  BC337 Datasheet HTML 1Page - Weitron Technology BC337 Datasheet HTML 2Page - Weitron Technology BC337 Datasheet HTML 3Page - Weitron Technology BC337 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEITRON
http://www.weitron.com.tw
Dim
A
B
C
D
E
G
H
J
K
L
Min
3.30
1.10
0.38
0.36
4.40
3.43
4.30
Max
TO-92 Outline Dimensions
3.70
1.40
0.55
0.51
4.70
-
4.70
2.64
14.50
1.270TYP
E
C
J
K
G
2.44
14.10
BC337/BC338
3/3
30-Jun-06
unit:mm
TO-92


Numéro de pièce similaire - BC337

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
245Kb / 19P
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
KEC(Korea Electronics)
BC337 KEC-BC337 Datasheet
31Kb / 1P
TO-92 PACKAGE
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
More results

Description similaire - BC337

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
NPN GENERAL PURPOSE TRANSISTOR
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com