| Moteur de recherche de fiches techniques de composants électroniques |
|
KSZ9567RTXI Fiches technique(PDF) 223 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9567RTXI Fiches technique(HTML) 223 Page - Microchip Technology |
|
223 / 232 page ![]() 2017-2019 Microchip Technology Inc. DS00002329D-page 223 KSZ9567R 8.2 Package Drawings FIGURE 8-1: PACKAGE (DRAWING) B A 0.20 C 0.20 C C SEATING PLANE 1 2 N 4X TOP VIEW SIDE VIEW BOTTOM VIEW 0.08 C Microchip Technology Drawing C04-418B Sheet 1 of 2 128X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 128-Lead Thin Quad Flatpack (6XX) - 14x14x1.0 mm Body [TQFP] With 10x10 mm Exposed Pad D D1 E E1 128 TIPS D2 E2 (DATUM B) (DATUM A) NOTE 1 NOTE 1 e DETAIL B A2 A A1 DETAIL A 128X b 0.07 C A B L (L1) GAUGE PLANE c DETAIL A 3 1 2 3 N |