| Moteur de recherche de fiches techniques de composants électroniques |
|
KSZ9567RTXI Fiches technique(PDF) 214 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9567RTXI Fiches technique(HTML) 214 Page - Microchip Technology |
|
214 / 232 page ![]() KSZ9567R DS00002329D-page 214 2017-2019 Microchip Technology Inc. 6.4.6 AUTO-NEGOTIATION TIMING Figure 6-11 illustrates the Auto-Negotiation timing requirements. FIGURE 6-11: AUTO-NEGOTIATION TIMING TABLE 6-10: AUTO-NEGOTIATION TIMING VALUES Symbol Description Min Typ Max Units tBTB FLP burst to FLP burst 8 16 24 ms tFLPW FLP burst width 2 ms tPW Clock/Data pulse width 100 ns tCTD Clock pulse to data pulse 55.5 64 69.5 s tCTC Clock pulse to clock pulse 111 128 139 s Number of clock/data pulses per burst 17 33 |