Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A0700-40-3X Fiches technique(PDF) 1 Page - Vishay Barry

No de pièce A0700-40-3X
Description  BeO 7 dB FLANGED ATTENUATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BARRY [Vishay Barry]
Site Internet  https://barryind.com/
Logo BARRY - Vishay Barry

A0700-40-3X Fiches technique(HTML) 1 Page - Vishay Barry

  A0700-40-3X Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A0700-40-3X
BeO
7 dB
FLANGED ATTENUATOR
General Description:
The A0700-40-3X is a 7 dB BeO flanged
attenuator. It has an input power of 40 watts, while
maintaining a constant flange temperature of 100°C.
It offers a frequency range from DC to 3.5 GHz.
WWW.BARRYIND.COM
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
e
g
n
a
R
y
c
n
e
u
q
e
r
FC
D5
.
3z
H
G
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I7
1B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O7
1B
d
r
e
w
o
P
t
u
p
n
I0
4s
t
t
a
W
e
r
u
t
a
r
e
p
m
e
T
e
g
n
a
l
F0
0
1C
°
n
o
i
t
a
u
n
e
t
t
A5
.
67
5
.
7B
d
Barry Industries reserves the right to change part number and or process without notification.
RoHS
COMPLIANT
TM
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
8
0
/
4
2
/
1
1
8
0
/
4
2
/
1
1
-
Features:
♦ BeO Material
♦ DC - 3.5 GHz Performance
♦ 40 Watt Input Power
♦ Flange Mount
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Numéro de pièce similaire - A0700-40-3X

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A0709 ETC-A0709 Datasheet
145Kb / 1P
CIRCUIT INTERRUPTION TECHNOLOGY INC
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
Low voltage overshoot
logo
List of Unclassifed Man...
A070FW03 ETC2-A070FW03 Datasheet
309Kb / 22P
7color TFT-LCD module
A070GRB ETC2-A070GRB Datasheet
700Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A070GRB01T13 ETC2-A070GRB01T13 Datasheet
700Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
More results

Description similaire - A0700-40-3X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
A0300-40-3X BARRY-A0300-40-3X Datasheet
136Kb / 1P
BeO 3 dB FLANGED ATTENUATOR
Rev. C
A0300-50-5X BARRY-A0300-50-5X Datasheet
219Kb / 1P
BeO 3 dB FLANGED ATTENUATOR
Rev. A
A0800-40-3X BARRY-A0800-40-3X Datasheet
138Kb / 1P
BeO 8 dB FLANGED ATTENUATOR
Revision Date 11/24/08
A1200-40-3X BARRY-A1200-40-3X Datasheet
134Kb / 1P
BeO 12 dB FLANGED ATTENUATOR
Rev. A
A0100-100-9X BARRY-A0100-100-9X Datasheet
87Kb / 1P
BeO 1 dB FLANGED ATTENUATOR
Rev. A
A0100-40-1X BARRY-A0100-40-1X Datasheet
184Kb / 1P
BeO 1 dB FLANGED ATTENUATOR
Revision Date 07/16/08
A0150-150-1X BARRY-A0150-150-1X Datasheet
119Kb / 1P
BeO 1.5 dB FLANGED ATTENUATOR
Revision Date 01/05/11
A1500-40-3X BARRY-A1500-40-3X Datasheet
134Kb / 1P
BeO 15 dB FLANGED ATTENUATOR
Revision Date 11/24/08
A3000-40-1X BARRY-A3000-40-1X Datasheet
84Kb / 1P
BeO 30 dB FLANGED ATTENUATOR
Rev. A
A3000-40-3X BARRY-A3000-40-3X Datasheet
149Kb / 1P
BeO 30 dB FLANGED ATTENUATOR
Rev. A
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com