Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

346-035-526-658 Fiches technique(PDF) 1 Page - EDAC, All Rights Reserved.

No de pièce 346-035-526-658
Description  346 Series Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EDAC [EDAC, All Rights Reserved.]
Site Internet  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

346-035-526-658 Fiches technique(HTML) 1 Page - EDAC, All Rights Reserved.

  346-035-526-658 Datasheet HTML 1Page - EDAC, All Rights Reserved. 346-035-526-658 Datasheet HTML 2Page - EDAC, All Rights Reserved. 346-035-526-658 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
www.edac.net
customerservice@edac.net
Specifications:
0.100” (2.54mm) contact spacing x 0.200” (5.08mm) row spacing
Accepts 0.062” (1.57mm) nominal thickness P.C. board
High profile insulator body, 0.600” (15.24mm)
Contact termination options include P.C. tail, wire wrap, 90 degree bends and extender board bends
Single or dual row configurations
Large variety of mounting options, flush or offset lugs
Accepts between contact and in-contact polarizing keys
Pre-assembled card guides are available
Automatic wire wrap positioning holes
RoHS Compliant & UL Certified
Ordering Code Notes:
1) All connector sizes up to 50 contacts single row / 100 contacts dual row
are available upon request.
2) The 500 contact code is only available in the 346 series.
Green Diallyl Phthalate insulator material will be supplied.
3) For details of the extender board and 90 degree bends refer to next pages.
4) Consult with EDAC Inc. regarding connectors with a .420” (10.67mm)
card slot depth.
5) For lug-less connectors, code 01 mounting, specify contact row code 1 or 2.
6) In-line card guides are only available with offset mounting lugs.
7) For details of the mounting options refer to page 3.
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128” (Ø3.25mm) Mounting Holes
03
Ø.116” (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156” (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
12
Ø.128” (Ø3.25mm) Side Mounting Holes
58
.468” (11.89mm) Offset Card Guides
78
In-Line Card Guides 2.750” (69.85mm) Long
Contact Code:
Tail Description:
Tail Size:
Tail Length
“G”:
500
Wire Hole
.050 x .025 (1.27 x 0.64)
.260 (6.60)
520
P.C. Tail
.025 Square (0.64 Square)
.175 (4.45)
521
P.C. Tail
.025 Square (0.64 Square)
.150 (3.81)
522
P.C. Tail
.025 Square (0.64 Square)
.440 (11.18)
526
P.C. Tail
.025 Square (0.64 Square)
.150 (3.81)
540
Wire Wrap
.025 Square (0.64 Square)
.560 (14.22)
541
Wire Wrap
.025 Square (0.64 Square)
.750 (19.05)
555
EXTENDER BOARD BEND
(CODE 500 CONTACTS)
556
EXTENDER BOARD BEND
(CODE 520 CONTACTS)
558
90 DEGREE BEND
(CODE 541 CONTACTS)
559
90 DEGREE BEND
(CODE 541 CONTACTS)
560
EXTENDER BOARD BEND
(Code 526 Contacts)
Series:
Insulator Color:
346
Thermoplastic Polyester, Green
396
Thermoplastic Polyester, Black
Total Number of Contacts:
Contact Rows:
005, 006, . . . . 050
Single Row
010, 012, . . . . 100
Dual Row
Insulator Style:
Description:
Insulator Style
1
Single Row
Flush Mounting Lugs
2
Dual Row
Flush Mounting Lugs
6
Single Row
.170 (4.32) Offset Lugs
8
Dual Row
.170 (4.32) Offset Lugs
Insulator Material
UL 94V-0 Thermoplastic Polyester
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1500 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +105°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
Card Edge Connectors 0.125” (3.175mm) Pitch
346/396 SERIES
Series
Total Number of Contacts
Contact Code
Contact Rows and Insulator Style
Mounting Options
Example Part Number:
346-056-540-802


Numéro de pièce similaire - 346-035-526-658

FabricantNo de pièceFiches techniqueDescription
logo
EDAC, All Rights Reserv...
346-005-500-101 EDAC-346-005-500-101 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
346-005-500-101 EDAC-346-005-500-101 Datasheet
84Kb / 2P
346 Series,Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
346-005-500-102 EDAC-346-005-500-102 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
346-005-500-102 EDAC-346-005-500-102 Datasheet
84Kb / 2P
346 Series,Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
346-005-500-103 EDAC-346-005-500-103 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com