Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4747A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 1N4747A
Description  Voltage regulator diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4747A Fiches technique(HTML) 3 Page - NXP Semiconductors

  1N4747A Datasheet HTML 1Page - NXP Semiconductors 1N4747A Datasheet HTML 2Page - NXP Semiconductors 1N4747A Datasheet HTML 3Page - NXP Semiconductors 1N4747A Datasheet HTML 4Page - NXP Semiconductors 1N4747A Datasheet HTML 5Page - NXP Semiconductors 1N4747A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Per type
Tj =25 °C; unless otherwise specified.
Notes
1. VZ is measured with device at thermal equilibrium while held in clips at 10 mm from body in still air at 25 °C.
2. Half square wave or equivalent sinewave pulse 1
120 second duration superimposed on IZtest.
TYPE No.
WORKING
VOLTAGE
VZ (V)(1)
at IZtest
TEST CURRENT
IZtest (mA)
DIFFERENTIAL
RESISTANCE
REVERSE CURRENT
at REVERSE VOLTAGE
WORKING
CURRENT
IZM (mA)
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (mA)(2)
rdif (Ω)
at IZtest
rdif (Ω)
at IZ
IZ
(mA)
IR (µA)
VR (V)
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.
1N4728A
3.3
76
10
400
1
100
1
276
1380
1N4729A
3.6
69
10
400
1
100
1
252
1260
1N4730A
3.9
64
9
400
1
50
1
234
1190
1N4731A
4.3
58
9
400
1
10
1
217
1070
1N4732A
4.7
53
8
500
1
10
1
193
970
1N4733A
5.1
49
7
550
1
10
1
178
890
1N4734A
5.6
45
5
600
1
10
2
162
810
1N4735A
6.2
41
2
700
1
10
3
146
730
1N4736A
6.8
37
3.5
700
1
10
4
133
660
1N4737A
7.5
34
4
700
0.5
10
5
121
605
1N4738A
8.2
31
4.5
700
0.5
10
6
110
550
1N4739A
9.1
28
5
700
0.5
10
7
100
500
1N4740A
10
25
7
700
0.25
10
7.6
91
454
1N4741A
11
23
8
700
0.25
5
8.4
83
414
1N4742A
12
21
9
700
0.25
5
9.1
76
380
1N4743A
13
19
10
700
0.25
5
9.9
69
344
1N4744A
15
17
14
700
0.25
5
11.4
61
304
1N4745A
16
15.5
16
700
0.25
5
12.2
57
285
1N4746A
18
14
20
750
0.25
5
13.7
50
250
1N4747A
20
12.5
22
750
0.25
5
15.2
45
225
1N4748A
22
11.5
23
750
0.25
5
16.7
41
205
1N4749A
24
10.5
25
750
0.25
5
18.2
38
190


Numéro de pièce similaire - 1N4747A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4747A VISHAY-1N4747A Datasheet
117Kb / 5P
Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Anova Technologies CO.,...
1N4747A ANOVA-1N4747A Datasheet
240Kb / 3P
Axial Lead Zener Diodes
logo
Vishay Siliconix
1N4747A VISHAY-1N4747A Datasheet
40Kb / 4P
Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4747A VISHAY-1N4747A Datasheet
81Kb / 4P
Zener Diodes
Rev. 2.3. 13-Nov-12
logo
List of Unclassifed Man...
1N4747A ETC1-1N4747A Datasheet
16Kb / 1P
Zener Diodes
More results

Description similaire - 1N4747A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com