Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP64501QSP-13 Fiches technique(PDF) 10 Page - Diodes Incorporated

No de pièce AP64501QSP-13
Description  AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64501QSP-13 Fiches technique(HTML) 10 Page - Diodes Incorporated

Back Button AP64501QSP-13 Datasheet HTML 6Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 7Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 8Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 9Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 10Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 11Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 12Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 13Page - Diodes Incorporated AP64501QSP-13 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
AP64501Q
Document number: DS42749 Rev. 1 - 2
10 of 26
www.diodes.com
December 2020
© Diodes Incorporated
AP64501Q
Typical Performance Characteristics (AP64501Q @ TA = +25°C, VIN = 12V, VOUT = 5V, CSS = 10nF, BOM = Table 1,
unless otherwise specified.) (continued)
Figure 21. Startup Using EN, IOUT = 5A
Figure 22. Shutdown Using EN, IOUT = 5A
Figure 23. Output Short Protection, IOUT = 5A
Figure 24. Output Short Recovery, IOUT = 5A
VOUT (2V/div)
VEN (5V/div)
IL (5A/div)
VSW (10V/div)
VOUT (2V/div)
VEN (5V/div)
IL (5A/div)
VSW (10V/div)
50
μs/div
5ms/div
5ms/div
VOUT (2V/div)
IL (5A/div)
VSW (10V/div)
VOUT (2V/div)
IL (5A/div)
VSW (10V/div)
2ms/div


Numéro de pièce similaire - AP64501QSP-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP64501Q DIODES-AP64501Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64501Q DIODES-AP64501Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
More results

Description similaire - AP64501QSP-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP64351Q DIODES-AP64351Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 1 - 2 June 2020
AP64500Q DIODES-AP64500Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 1 - 2 December 2020
AP64501 DIODES-AP64501 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 4 - 2 August 2019
AP64502Q DIODES-AP64502Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 December 2020
AP64351 DIODES-AP64351 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 4 - 2 August 2019
AP64350Q DIODES-AP64350Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 1 - 2 June 2020
AP64202Q DIODES-AP64202Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64200Q DIODES-AP64200Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64100Q DIODES-AP64100Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64102Q DIODES-AP64102Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com