Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2702863 Fiches technique(PDF) 5 Page - PHOENIX CONTACT

No de pièce 2702863
Description  Wireless module - RAD-2400-IFS-JP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702863 Fiches technique(HTML) 5 Page - PHOENIX CONTACT

  2702863 Datasheet HTML 1Page - PHOENIX CONTACT 2702863 Datasheet HTML 2Page - PHOENIX CONTACT 2702863 Datasheet HTML 3Page - PHOENIX CONTACT 2702863 Datasheet HTML 4Page - PHOENIX CONTACT 2702863 Datasheet HTML 5Page - PHOENIX CONTACT 2702863 Datasheet HTML 6Page - PHOENIX CONTACT 2702863 Datasheet HTML 7Page - PHOENIX CONTACT 2702863 Datasheet HTML 8Page - PHOENIX CONTACT 2702863 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Data rate
300 bps / 600 bps / 1.2 kbps / 2.4 kbps / 4.8 kbps / 9.6 kbps / 19.
2 kbps / 38.4 kbps / 57.6 kbps / 93.75 kbps / 115.2 kbps / 187.5
kbps
Connection method
COMBICON plug-in screw terminal block
Connection technology
2-conductor
Transmission length
≤ 1200 m
390 Ω (switchable via DIP switches)
150 Ω (switchable via DIP switches)
Termination resistor
390 Ω (switchable via DIP switches)
Serial: Configuration interface
Connection method
S-PORT (socket)
Wireless
Interface description
Trusted Wireless
Direction
Bi-directional
Frequency
2400 MHz
Frequency range
2.4002 GHz ... 2.4785 GHz
Channel distance
1.3 MHz
Number of channel groups
8
Number of channels per group
55
Transmit capacity, minimum
0 dBm
Transmit capacity, maximum
≤ 20 dBm
16 kbps (adjustable)
125 kbps (Default setting, adjustable)
Data rate
250 kbps (adjustable)
-106 dBm (16 kbps)
-96 dBm (125 kbps)
Minimum receiver sensitivity
-93 dBm (250 kbps)
Antenna connection method
RSMA (female)
Security
128-bit data encryption
Wireless
Frequency band
2.4 GHz
Wireless standard
Trusted Wireless
LED signaling
Green LED (supply voltage, PWR)
Green LED (bus communication, DAT)
Red LED (periphery error, ERR)
3x green, 1x yellow LED (LED bar graph receive quality, RSSI)
Green LED (receive data, RX)
Status display
Green LED (transmit data, TX)
Dimensions
Wireless module - RAD-2400-IFS-JP
2702863
https://www.phoenixcontact.com/us/products/2702863
Dec 6, 2022, 6:17 AM
Page 5 (39)


Numéro de pièce similaire - 2702863

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2702860 PHOENIX-2702860 Datasheet
64Kb / 4P
Antenna - FL LCX CABLE 5 E
12/24/2021
2702864 PHOENIX-2702864 Datasheet
461Kb / 11P
Communication module - AXL F MA DALI2 1H
Dec 9, 2022
More results

Description similaire - 2702863

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2901533 PHOENIX-2901533 Datasheet
804Kb / 11P
I/O extension module - RAD-DAIO6-IFS
2902811 PHOENIX-2902811 Datasheet
86Kb / 5P
I/O extension module - RAD-DO8-IFS
105366 PHOENIX-105366 Datasheet
660Kb / 15P
RAD-PT100-4-IFS
106318 PHOENIX-106318 Datasheet
466Kb / 19P
RAD-RS485-IFS
2316275 PHOENIX-2316275 Datasheet
103Kb / 8P
I/O extension module - RAD-NAM4-IFS
09/12/2020
2702290 PHOENIX-2702290 Datasheet
119Kb / 8P
I/O extension module - RAD-AI4-U-IFS
09/12/2020
1081818 PHOENIX-1081818 Datasheet
2Mb / 28P
Wireless module - RAD-EE-2400-RS485
Dec 6, 2022
2702184 PHOENIX-2702184 Datasheet
3Mb / 32P
Communication module - RAD-RS485-IFS
Dec 6, 2022
2702877 PHOENIX-2702877 Datasheet
442Kb / 15P
Wireless module - RAD-900-DAIO6
Dec 6, 2022
2702878 PHOENIX-2702878 Datasheet
966Kb / 35P
Wireless module - RAD-900-IFS-AU
Dec 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com