Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2702863 Fiches technique(PDF) 3 Page - PHOENIX CONTACT

No de pièce 2702863
Description  Wireless module - RAD-2400-IFS-JP
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702863 Fiches technique(HTML) 3 Page - PHOENIX CONTACT

  2702863 Datasheet HTML 1Page - PHOENIX CONTACT 2702863 Datasheet HTML 2Page - PHOENIX CONTACT 2702863 Datasheet HTML 3Page - PHOENIX CONTACT 2702863 Datasheet HTML 4Page - PHOENIX CONTACT 2702863 Datasheet HTML 5Page - PHOENIX CONTACT 2702863 Datasheet HTML 6Page - PHOENIX CONTACT 2702863 Datasheet HTML 7Page - PHOENIX CONTACT 2702863 Datasheet HTML 8Page - PHOENIX CONTACT 2702863 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Technical Data
Notes
Trade restriction
CE note
The products are offered exclusively for export outside the EU
and the European Economic Area.
Product properties
Product type
Wireless module
I/O
RS-232
Application
RS-485
I/O data (Default setting, configuration via thumbwheel)
Serial data (Activation and configuration via PSI-CONF software)
PLC/Modbus RTU mode (Activation and configuration via PSI-
CONF software)
Operating mode
PLC / Modbus RTU dual mode (Activation and configuration via
PSI-CONF software)
778 Years (SN 29500 standard, temperature 25°C, operating
cycle 21%)
358 Years (SN 29500 standard, temperature 40°C, operating
cycle 34.25%)
MTTF
142 Years (SN 29500 standard, temperature 40°C, operating
cycle 100%)
Insulation characteristics
Overvoltage category
II
Degree of pollution
2
Electrical properties
Transient surge protection
Yes
System limits
Designation
Wireless module
≤ 250 (Addressing via PSI-CONF software)
Number of supported devices
≤ 99 (Addressing via thumbwheel)
Number of possible extension modules
≤ 32 (per wireless module)
System limits
Designation
Wireless network
I/O data mode
≤ 99 (I/O extension modules per wireless network, serial
interfaces deactivated)
Serial data mode
0 (no I/O extension modules can be used)
PLC/Modbus RTU mode
≤ 99 (I/O extension modules per wireless network, access to
extension modules via Modbus RTU protocol)
Supply
Wireless module - RAD-2400-IFS-JP
2702863
https://www.phoenixcontact.com/us/products/2702863
Dec 6, 2022, 6:17 AM
Page 3 (39)


Numéro de pièce similaire - 2702863

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2702860 PHOENIX-2702860 Datasheet
64Kb / 4P
Antenna - FL LCX CABLE 5 E
12/24/2021
2702864 PHOENIX-2702864 Datasheet
461Kb / 11P
Communication module - AXL F MA DALI2 1H
Dec 9, 2022
More results

Description similaire - 2702863

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2901533 PHOENIX-2901533 Datasheet
804Kb / 11P
I/O extension module - RAD-DAIO6-IFS
2902811 PHOENIX-2902811 Datasheet
86Kb / 5P
I/O extension module - RAD-DO8-IFS
105366 PHOENIX-105366 Datasheet
660Kb / 15P
RAD-PT100-4-IFS
106318 PHOENIX-106318 Datasheet
466Kb / 19P
RAD-RS485-IFS
2316275 PHOENIX-2316275 Datasheet
103Kb / 8P
I/O extension module - RAD-NAM4-IFS
09/12/2020
2702290 PHOENIX-2702290 Datasheet
119Kb / 8P
I/O extension module - RAD-AI4-U-IFS
09/12/2020
1081818 PHOENIX-1081818 Datasheet
2Mb / 28P
Wireless module - RAD-EE-2400-RS485
Dec 6, 2022
2702184 PHOENIX-2702184 Datasheet
3Mb / 32P
Communication module - RAD-RS485-IFS
Dec 6, 2022
2702877 PHOENIX-2702877 Datasheet
442Kb / 15P
Wireless module - RAD-900-DAIO6
Dec 6, 2022
2702878 PHOENIX-2702878 Datasheet
966Kb / 35P
Wireless module - RAD-900-IFS-AU
Dec 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com