Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT1000 Fiches technique(PDF) 3 Page - Baumer IVO GmbH & Co. KG

No de pièce PT1000
Description  Cable Sensor, Pt100/Pt1000
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IVO [Baumer IVO GmbH & Co. KG]
Site Internet  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

PT1000 Fiches technique(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  PT1000 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG PT1000 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG PT1000 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG PT1000 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
Design and specifications subject to change without notice
Data Sheet 2902-1
www.baumerprocess.com
Example of Application
230 V
ac
4...20 mA
24 V
dc
Pt100/Pt1000 sensor
+
-
-
+
+
-
6
3
4
2
1
5
1
2
FlexTop 2211
Trigger module
Power supply
3
4
3
7
1
2
5
[mm]
20
AF22
ø8
60
Cable length (L) + 20 mm
{mm]
Red
Red
White
White
White
White
Red
Red
Warning:
One of the wires may not be
connected in case of a 3-wire
connection to the temperature
transmitter
Dimensional Drawing
4-wire Sensors
Pocket type
Stainless steel, W 1.4404 (AISI 316L), R1/2 with M12 gland
Pocket length (L)
9...11´ digit
Length in mm
Ordering Details - Pocket for Cable Sensors
2909 0001 xxx
xxx
25
L
R1/2
M12


Numéro de pièce similaire - PT1000

FabricantNo de pièceFiches techniqueDescription
logo
API Delevan
PT1000-1400 API-PT1000-1400 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT1000-1400 API-PT1000-1400 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
PT1000-1400-VM API-PT1000-1400-VM Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT1000-1750 API-PT1000-1750 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT1000-1750 API-PT1000-1750 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
More results

Description similaire - PT1000

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
DS2532 TTELEC-DS2532 Datasheet
284Kb / 1P
   PT100 Sensor
logo
Schneider Electric
TM5SAI4PH SCHNEIDER-TM5SAI4PH Datasheet
266Kb / 7P
   Analog input module, Modicon TM5, 4I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAI2PH SCHNEIDER-TM5SAI2PH Datasheet
248Kb / 7P
   Analog input module, Modicon TM5, 2I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
logo
Adam Technologies, Inc.
CA-TS-003 ADAM-TECH-CA-TS-003 Datasheet
119Kb / 1P
   SENSOR CABLE ASSY, M8, 4 POS, TO RTD PT100, TEMPERATURE SENSOR
Rev. B
CA-TS-001 ADAM-TECH-CA-TS-001 Datasheet
110Kb / 1P
   SENSOR CABLE ASSY, 3.96mm 3 POS CONN, TO RTD PT1000, TEMPERATURE SENSOR
Rev. A
CA-TS-002 ADAM-TECH-CA-TS-002 Datasheet
124Kb / 1P
   SENSOR CABLE ASSY, 2.5mm 2 POS CONN, TO RTD PT100, TEMPERATURE SENSOR
Rev. A
logo
SparkFun Electronics
SPX-16770 SPARKFUN-SPX-16770 Datasheet
249Kb / 3P
   Qwiic PT100 - ADS122C04
7????0
logo
List of Unclassifed Man...
DM-315 ETC2-DM-315 Datasheet
131Kb / 2P
   PT100 PLATINUM SENSING RESISTORS
logo
PHOENIX CONTACT
105366 PHOENIX-105366 Datasheet
660Kb / 15P
   RAD-PT100-4-IFS
logo
ZIEHL industrie-elektro...
TR1200IP ZIEHL-TR1200IP Datasheet
430Kb / 2P
   Pt100-Temperature-Relay TR1200IP
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com