Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NJM324C Fiches technique(PDF) 3 Page - New Japan Radio

No de pièce NJM324C
Description  Low power quad operational amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJRC [New Japan Radio]
Site Internet  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM324C Fiches technique(HTML) 3 Page - New Japan Radio

  NJM324C Datasheet HTML 1Page - New Japan Radio NJM324C Datasheet HTML 2Page - New Japan Radio NJM324C Datasheet HTML 3Page - New Japan Radio NJM324C Datasheet HTML 4Page - New Japan Radio NJM324C Datasheet HTML 5Page - New Japan Radio NJM324C Datasheet HTML 6Page - New Japan Radio NJM324C Datasheet HTML 7Page - New Japan Radio NJM324C Datasheet HTML 8Page - New Japan Radio NJM324C Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NJM324C/NJM324CA
- 3 -
ver.09
3.
Operating conditions
Table2. Operating conditions
(Tamb=25°C)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (VCC
+ - VCC-)
3 to 30
V
Toper
Operating free-air temperature range
-40 to +85
°C
Electrical characteristics
Table3. VCC
+ = +5V, VCC- = 0V, Tamb = +25˚C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
(1)
mV
Tamb = 25℃
-
0.5
7
NJM324CA
0.5
2.5
0℃< Tamb < 70℃
(5)
-
-
9
NJM324CA
4
Iio
Input offset current
nA
Tamb = 25℃
-
2
30
0℃< Tamb < 70℃
(5)
-
-
100
Iib
Input bias current
(2)
nA
Tamb = 25℃
-
20
150
0℃< Tamb < 70℃
(5)
-
-
300
Avd
Large signal voltage gain (VCC
+ = +15V, RL=2kΩ, Vo=1.4V to 11.4V)
V/mV
Tamb = 25℃
50
100
-
0℃< Tamb < 70℃
(5)
25
-
-
SVR
Supply voltage rejection ratio (Rs<10kΩ,VCC
+ = 5V to 30V)
dB
Tamb = 25℃
65
110
-
0℃< Tamb < 70℃
(5)
65
-
-
ICC
Supply current, all amp, no load
mA
Tamb = 25℃
VCC
+ = 5V
-
1.2
2
VCC
+ = 30V
-
1.7
3
0℃< Tamb < 70℃
(5)
VCC
+ = 5V
-
-
2
VCC
+ = 30V
-
-
3
Vicm
Input common mode voltage range
(3) (VCC+ = +30V)
V
Tamb = 25℃
0
-
VCC
+ - 1.5
0℃< Tamb < 70℃
(5)
0
-
VCC
+ - 2
CMR
Common mode rejection ratio (RS < 10kΩ)
dB
Tamb = 25℃
70
100
-
0℃< Tamb < 70℃
(5)
60
-
-
Isource
Output current source
mA
VCC
+ = 15V, VO = +2V, Vid = +1V
20
40
-


Numéro de pièce similaire - NJM324C

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM324D NJRC-NJM324D Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM324M NJRC-NJM324M Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM324V NJRC-NJM324V Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
More results

Description similaire - NJM324C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com