Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NJM324C Fiches technique(PDF) 10 Page - New Japan Radio

No de pièce NJM324C
Description  Low power quad operational amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJRC [New Japan Radio]
Site Internet  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM324C Fiches technique(HTML) 10 Page - New Japan Radio

Back Button NJM324C Datasheet HTML 2Page - New Japan Radio NJM324C Datasheet HTML 3Page - New Japan Radio NJM324C Datasheet HTML 4Page - New Japan Radio NJM324C Datasheet HTML 5Page - New Japan Radio NJM324C Datasheet HTML 6Page - New Japan Radio NJM324C Datasheet HTML 7Page - New Japan Radio NJM324C Datasheet HTML 8Page - New Japan Radio NJM324C Datasheet HTML 9Page - New Japan Radio NJM324C Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NJM324C/NJM324CA
- 10 -
ver.09
■PACKAGE OUTLINE UNIT : mm
SOP14
SSOP14
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions.
The application circuits in this databook are
described only to show representative usages
of the product and not intended for the
1
7
8
0.22±0.1
0.1
0.65
0.15-0.05
+0.1
0
~ 10º
0.67MAX
5.0 -0.1
+0.3
14
0.1
M
1.27
8.65±0.1
0.42±0.09
M
0.25
S
0.1
S
0.835±0.435
0°~ 8°


Numéro de pièce similaire - NJM324C

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM324D NJRC-NJM324D Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM324M NJRC-NJM324M Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM324V NJRC-NJM324V Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
More results

Description similaire - NJM324C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com