Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JWL22RC1A-A Fiches technique(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce JWL22RC1A-A
Description  High Inrush 10 & 16 Amp Rockers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWL22RC1A-A Fiches technique(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWL22RC1A-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. JWL22RC1A-A Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
B44
B
www.nkkswitches.com
TERMINALS
JWMW
Black
Ivory
A
B
H
INSCRIPTIONS
Inscription for
Horizontal Mounting
DPST models without inscriptions
do not have VDE approval.
Inscription for
Vertical Mounting
The IEC symbols for On-Off are supplied with Single Throw models only.
Orientation of inscription must be selected.
Inscription Colors: Black ink on Ivory or Gray cap. White ink on Black or Red cap.
Contact factory for other inscriptions.
1
2
No Inscription
No Code
JWM & JWMW
Material: Polyamide
Finish: Matte
Colors
Available:
JWMW and JWLW panel seal models available with black housing only.
HOUSING
Gray
JWL & JWLW
(7.5)
.295
Thk = (0.5)
.020
Epoxy Seal
(0.6) R
.024
(1.6)
.063
(2.8)
.110
(3.2)
.126
(7.5)
.295
Epoxy Seal
(0.65) R
.026
(1.5) R
.059
(4.75)
.187
Thk = (0.8)
.031
JWM
(15.4)
.606
(25.0)
.984
(15.4)
.606
(24.0)
.945
Panel Thickness Range
Without Barrier (JWM & JWMW):
.039” ~ .157” (1.0mm ~ 4.0mm)
With Barrier (JWM):
.024” ~ .126” (0.6mm ~ 3.2mm)
PANEL CUTOUTS
Solder Lug/Quick Connect .110” (2.8mm)
Solder Lug/Quick Connect .187” (4.75mm)
(20.5)
.807
(29.5)
1.161
Panel Thickness Range
Without Barrier (JWL & JWLW):
.039” ~ .157” (1.0mm ~ 4.0mm)
With Barrier (JWL):
.024” ~ .126” (0.6mm ~ 3.2mm)
(20.5)
.807
(30.7)
1.209
JWLW
JWL


Numéro de pièce similaire - JWL22RC1A-A

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
JWL22RC1A-A NKK-JWL22RC1A-A Datasheet
312Kb / 9P
General Specifications
More results

Description similaire - JWL22RC1A-A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
JWLW21RA1A ETC2-JWLW21RA1A Datasheet
309Kb / 9P
High Inrush 10 & 16 Amp Rockers
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
High Capacity Rockers
logo
American Zettler, Inc.
AZ7695 AZETTLER-AZ7695 Datasheet
575Kb / 2P
80 Amp inrush current
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
Miniature Rockers
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
High inrush
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
Miniature Rockers
R25-11D10-12 ETC2-R25-11D10-12 Datasheet
513Kb / 1P
8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com