Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25R3916 Fiches technique(PDF) 117 Page - STMicroelectronics

No de pièce ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Fiches technique(HTML) 117 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 113Page - STMicroelectronics ST25R3916 Datasheet HTML 114Page - STMicroelectronics ST25R3916 Datasheet HTML 115Page - STMicroelectronics ST25R3916 Datasheet HTML 116Page - STMicroelectronics ST25R3916 Datasheet HTML 117Page - STMicroelectronics ST25R3916 Datasheet HTML 118Page - STMicroelectronics ST25R3916 Datasheet HTML 119Page - STMicroelectronics ST25R3916 Datasheet HTML 120Page - STMicroelectronics ST25R3916 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 157 page
background image
DS12484 Rev 4
117/157
ST25R3916/7
Application information
156
4.5.54
External field detector deactivation threshold register
Register space: A
Address: 2Bh
Type: RW
51
3.160
115
21.3
52
3.241
116
23.3
53
3.325
117
25.6
54
3.413
118
28.4
55
3.507
119
32.0
56
3.606
120
36.6
57
3.657
121
42.7
58
3.710
122
51.2
59
3.765
123
64.0
60
3.821
124
85.3
61
3.879
125
128
62
3.938
126
256
63
4.000
127
High Z
1. The value has to be multiplied by the RFO resistance from Section 5.4: Electrical characteristics to obtain the driver output
resistance for the corresponding md_res setting.
Table 85. Resistive AM modulated state driver output resistance (continued)
md_res<6:0>
Driver output resistance RRFO
(normalized)(1)
md_res<6:0>
Driver output resistance RRFO
(normalized)(1)
Table 86. External field detector deactivation threshold register
Bit
Name
Default
Function
Comments
7
RFU
0
Not used
-
6
trg_ld2
0
Deactivation peer detection
threshold (see Table 87).
-
5
trg_ld1
1
4
trg_ld0
1
3
rfe_td3
0
Deactivation collision avoidance
threshold (see Table 88).
-
2
rfe_td2
0
1
rfe_td1
1
0
rfe_td0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More